Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF1504UCX Datasheet (PDF) - ON Semiconductor

FPF1504UCX Datasheet PDF - ON Semiconductor
Part # FPF1504UCX
Download  FPF1504UCX Download
File Size   950.93 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Advanced Load Management Switch

FPF1504UCX Datasheet (PDF)

Go To PDF Page Download Datasheet
FPF1504UCX Datasheet PDF - ON Semiconductor

Part # FPF1504UCX
Download  FPF1504UCX Click to download

File Size   950.93 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Advanced Load Management Switch

FPF1504UCX Datasheet (HTML) - ON Semiconductor


FPF1504UCX Product details

Features
 1.0 V to 3.6 V Input Voltage Operating Range
 Typical RDS(ON):
 15 m at VIN = 3.3 V
 20 m at VIN = 1.8 V
 40 m at VIN = 1.0 V
 Slew Rate Control
 Output Discharge Function
 Low <1 A Quiescent Current at VON = VIN
 ESD Protected: 4000 V HBM, 2000 V CDM
 GPIO/CMOS−Compatible Enable Circuitry
 Active HIGH and active LOW versions

Applications
 Mobile Devices and Smart Phones
 Portable Media Devices
 Digital Cameras
 Advanced Notebook, UMPC, and MID
 Portable Medical Devices
 GPS and Navigation Equipment




Similar Part No. - FPF1504UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1504UCX FAIRCHILD-FPF1504UCX Datasheet
517Kb / 4P
Advanced Load Management Switch
logo
ON Semiconductor
FPF1504UCX ONSEMI-FPF1504UCX Datasheet
649Kb / 12P
Advanced Load Management Switch
September 2016 Rev. 1.11
More results


Similar Description - FPF1504UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1504 FAIRCHILD-FPF1504 Datasheet
517Kb / 4P
Advanced Load Management Switch
logo
ON Semiconductor
NCP4543 ONSEMI-NCP4543 Datasheet
248Kb / 10P
Advanced Load Management
January, 2012 ??Rev. 4
NCP4547 ONSEMI-NCP4547 Datasheet
247Kb / 10P
Advanced Load Management
January, 2012 ??Rev. 2
NCP45522 ONSEMI-NCP45522 Datasheet
107Kb / 10P
Advanced Load Management
September, 2014 ??Rev. 1
NCP45540 ONSEMI-NCP45540 Datasheet
127Kb / 13P
Advanced Load Management
February, 2015 ??Rev. 3
NCP45541 ONSEMI-NCP45541 Datasheet
118Kb / 12P
Advanced Load Management
February, 2015 ??Rev. 3
NCP45520 ONSEMI-NCP45520_14 Datasheet
140Kb / 15P
Advanced Load Management
September, 2014 ??Rev. 3
NCP45524 ONSEMI-NCP45524_14 Datasheet
120Kb / 14P
Advanced Load Management
September, 2014 ??Rev. 3
NCP45560 ONSEMI-NCP45560_15 Datasheet
130Kb / 13P
Advanced Load Management
February, 2015 ??Rev. 3
FPF1504 ONSEMI-FPF1504 Datasheet
649Kb / 12P
Advanced Load Management Switch
September 2016 Rev. 1.11
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com