|
FEATURES
• Capable of receiving broadcasts from stations in all of the world’s FM and MW bands, as well as the European
LW band
• Applicable to AM up-conversion
• Many preset functions including manual tuning, auto-tuning (seek, scan), and preset memory scanning
• Independent preset memory with six buttons: up to 18 FM stations (six stations, each enabling the setting of FM1,
FM2, and FM3), up to 12 MW stations (six stations, each enabling the setting of MW1 and MW2), and up to six
LW stations
• Last channel memory for three FM stations, two MW stations, and one LW station
• ST (stereo) display (The ST display is also supported for the MW band.)
• Display and control output of MTL (METAL)
• Auto-preset memory function
• “ ” (compact disc)/“ ” (cassette tape) display
• LOUD (loudness) control output and display
• Clock function for 12-hour or 24-hour clock display
• Compatible with the external LCD controller/driver (mPD7225)
• Built-in prescaler and frequency counter
• Remote-controller signal receiving function (when the mPD6121 is used for transmitting signals)
• Detachable keys (or key section) and LCD panel
• Electronic volume control function (compatible with the I2C bus)
• Alarm function
|