Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4200ULW Datasheet (PDF) - Belden Inc.

4200ULW Datasheet PDF - Belden Inc.
Part # 4200ULW
Download  4200ULW Download
File Size   174.59 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 16 AWG BC, LSZH, Cca

4200ULW Datasheet (PDF)

Go To PDF Page Download Datasheet
4200ULW Datasheet PDF - Belden Inc.

Part # 4200ULW
Download  4200ULW Click to download

File Size   174.59 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 16 AWG BC, LSZH, Cca

4200ULW Datasheet (HTML) - Belden Inc.


4200ULW Product details

Product Description
Security & Commercial Audio Cable, 2-16 AWG stranded bare copper conductors with Low Smoke Zero Halogen insulation, LSZH jacket with ripcord, CPR
Cca




Similar Part No. - 4200ULW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4200UE BELDEN-4200UE Datasheet
182Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, LSZH, Eca
03-04-2023
4200UE.00100 BELDEN-4200UE.00100 Datasheet
182Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, LSZH, Eca
03-04-2023
4200UE.001000 BELDEN-4200UE.001000 Datasheet
182Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, LSZH, Eca
03-04-2023
4200UE.00500 BELDEN-4200UE.00500 Datasheet
182Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, LSZH, Eca
03-04-2023
4200UE.011000 BELDEN-4200UE.011000 Datasheet
182Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, LSZH, Eca
03-04-2023
More results


Similar Description - 4200ULW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4301ULW BELDEN-4301ULW Datasheet
174Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, LSZH, Cca
12-20-2022
430BULW BELDEN-430BULW Datasheet
154Kb / 2P
Security & Sound, 20 Conductor 18 AWG BC, LSZH, Cca
12-20-2022
4T01ULW BELDEN-4T01ULW Datasheet
174Kb / 2P
Security & Sound, 3 Conductor 10 AWG BC, LSZH, Cca
12-20-2022
4202ULW BELDEN-4202ULW Datasheet
155Kb / 2P
Security & Sound, 4 Conductor 16 AWG BC, LSZH, Cca
12-20-2022
4300ULW BELDEN-4300ULW Datasheet
177Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, LSZH, Cca
01-19-2023
4100FLW BELDEN-4100FLW Datasheet
174Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Shielded, Cca
11-09-2022
4100ULW BELDEN-4100ULW Datasheet
174Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Cca
11-09-2022
4300FLW BELDEN-4300FLW Datasheet
185Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, LSZH, Shielded, Cca
12-20-2022
4400ULW BELDEN-4400ULW Datasheet
175Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, LSZH, Cca
08-25-2023
4500FLW BELDEN-4500FLW Datasheet
175Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, LSZH, Shielded, Cca
08-25-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com