Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72851 Datasheet (PDF) - Renesas Technology Corp

UPD72851 Datasheet PDF - Renesas Technology Corp
Part # UPD72851
Download  UPD72851 Download
File Size   446.67 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD72851 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD72851 Datasheet PDF - Renesas Technology Corp

Part # UPD72851
Download  UPD72851 Click to download

File Size   446.67 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD72851 Datasheet (HTML) - Renesas Technology Corp


UPD72851 Product details

FEATURES
• The one-port physical layer LSI complies with IEEE1394a-2000
• Fully interoperable with IEEE1394 std 1394 Link (FireWireTM, i.LINKTM)
• Meets IntelTM Mobile Power Guideline 2000
• Full IEEE1394a-2000 support includes: Suspend/Resume, connection debounce, arbitrated short bus reset, multispeed
concatenation, arbitration acceleration, fly-by concatenation
• Fully compliant with OHCI requirements
• Small package: 48-pin plastic SSOP
• Super low power: 52 mA (Operating mode)
: 115 μA (Suspend mode)
• Data rate: 400/200/100 Mbps
• Supports PHY pinging and remote PHY access packets
• 3.3 V single power supply (if power not supplied via node: 3.0 V single power supply)
• 24.576 MHz crystal clock generation, 393.216 MHz PLL multiplying frequency
• 64-bit flexible register incorporated in PHY register
• Electrically isolated Link interface
• Supports LPS/Link-on as part of PHY/Link interface
• External filter capacitors for PLL not required
• Extended Resume signaling for compatibility with legacy DV devices
• System power management by signaling of node power class information
• Cable power monitor (CPS) is equipped




Similar Part No. - UPD72851

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72850A NEC-UPD72850A Datasheet
290Kb / 48P
IEEE1394 400Mbps PHY
logo
Renesas Technology Corp
UPD72850A RENESAS-UPD72850A Datasheet
482Kb / 50P
MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD72850AGK-9EU NEC-UPD72850AGK-9EU Datasheet
290Kb / 48P
IEEE1394 400Mbps PHY
logo
Renesas Technology Corp
UPD72850AGK-9EU RENESAS-UPD72850AGK-9EU Datasheet
482Kb / 50P
MOS INTEGRATED CIRCUIT
1999
UPD72850B RENESAS-UPD72850B Datasheet
512Kb / 50P
MOS INTEGRATED CIRCUIT
2001
More results


Similar Description - UPD72851

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com