Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72852A Datasheet (PDF) - Renesas Technology Corp

UPD72852A Datasheet PDF - Renesas Technology Corp
Part # UPD72852A
Download  UPD72852A Download
File Size   486.47 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD72852A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD72852A Datasheet PDF - Renesas Technology Corp

Part # UPD72852A
Download  UPD72852A Click to download

File Size   486.47 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD72852A Datasheet (HTML) - Renesas Technology Corp


UPD72852A Product details

FEATURES
• The two-port physical layer LSI complies with IEEE1394a-2000
• Fully interoperable with IEEE1394 std 1394 Link (FireWireTM, i.LINKTM)
• Meets IntelTM Mobile Power Guideline 2000
• Full IEEE1394a-2000 support includes: Suspend/Resume, connection debounce, arbitrated short bus reset, multi-speed
concatenation, arbitration acceleration, fly-by concatenation
• Suspend Debounce timer for ESD
• “BIAS Detected” signal output
• Double speed signal filter for BIAS Ringing
• Small package: 64-pin plastic LQFP
• Super low power : 68 mA (Operating mode)
: 115 μA (Suspend mode)
• Data rate: 400/200/100 Mbps
• Supports PHY pinging and remote PHY access packets
• 3.3 V single power supply (if power not supplied via node: 3.0 V single power supply)
• 24.576 MHz crystal clock generation, 393.216 MHz PLL multiplying frequency
• 64-bit flexible register incorporated in PHY register
• Electrically isolated Link interface
• Supports LPS/Link-on as part of PHY/Link interface
• External filter capacitors for PLL not required
• Extended Resume signaling for compatibility with legacy DV devices
• System power management by signaling of node power class information
• Cable power monitor (CPS) is equipped




Similar Part No. - UPD72852A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72852A NEC-UPD72852A Datasheet
373Kb / 48P
IEEE1394a-2000 COMPLIANT 400 Mbps TWO-PORT PHY LSI
UPD72852AGB-8EU NEC-UPD72852AGB-8EU Datasheet
373Kb / 48P
IEEE1394a-2000 COMPLIANT 400 Mbps TWO-PORT PHY LSI
More results


Similar Description - UPD72852A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com