Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMH260UNE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMH260UNE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMH260UNE
Download  PMH260UNE Download
File Size   273.89 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, N-channel Trench MOSFET

PMH260UNE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMH260UNE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMH260UNE
Download  PMH260UNE Click to download

File Size   273.89 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, N-channel Trench MOSFET

PMH260UNE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMH260UNE Product details

1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small DFN0606-3
(SOT8001) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.
2. Features and benefits
• Low threshold voltage
• Very fast switching
• Trench MOSFET technology
• ElectroStatic Discharge (ESD) protection up to 1.8 kV HBM
• Leadless ultra small and ultra thin SMD plastic package: 0.62 × 0.62 × 0.37 mm
3. Applications
• Relay driver
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - PMH260UNE

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PMH25GY HAMMOND-PMH25GY Datasheet
111Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PMH25GY HAMMOND-PMH25GY Datasheet
64Kb / 2P
Trousse de montage sur poteau
More results


Similar Description - PMH260UNE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMZB150UNE PHILIPS-PMZB150UNE_15 Datasheet
228Kb / 15P
20 V, N-channel Trench MOSFET
24 March 2015
PMV16XN PHILIPS-PMV16XN_15 Datasheet
263Kb / 15P
20 V, N-channel Trench MOSFET
11 November 2014
PMXB43UNE PHILIPS-PMXB43UNE_15 Datasheet
253Kb / 15P
20 V, N-channel Trench MOSFET
19 September 2013
logo
Nexperia B.V. All right...
PMCM4401UNE NEXPERIA-PMCM4401UNE Datasheet
269Kb / 15P
20 V, N-channel Trench MOSFET
PMCM6501UNE NEXPERIA-PMCM6501UNE Datasheet
390Kb / 15P
20 V, N-channel Trench MOSFET
PMV16XN NEXPERIA-PMV16XN Datasheet
724Kb / 15P
20 V, N-channel Trench MOSFET
PMV30UN2 NEXPERIA-PMV30UN2 Datasheet
733Kb / 15P
20 V, N-channel Trench MOSFET
PMZ600UNE NEXPERIA-PMZ600UNE Datasheet
726Kb / 15P
20 V, N-channel Trench MOSFET
BUK4D16-20 NEXPERIA-BUK4D16-20 Datasheet
318Kb / 15P
20 V, N-channel Trench MOSFET
29 March 2021
PMPB23XNEA NEXPERIA-PMPB23XNEA Datasheet
299Kb / 14P
20 V, N-channel Trench MOSFET
27 March 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com