Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMH550UPE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMH550UPE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMH550UPE
Download  PMH550UPE Download
File Size   274.47 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, P-channel Trench MOSFET

PMH550UPE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMH550UPE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMH550UPE
Download  PMH550UPE Click to download

File Size   274.47 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, P-channel Trench MOSFET

PMH550UPE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMH550UPE Product details

1. General description
P-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small DFN0606-3
(SOT8001) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.
2. Features and benefits
• Low threshold voltage
• Very fast switching
• Trench MOSFET technology
• ElectroStatic Discharge (ESD) protection up to 1.8 kV HBM
• Leadless ultra small and ultra thin SMD plastic package: 0.62 × 0.62 × 0.37 mm
3. Applications
• Relay driver
• High-speed line driver
• High-side load switch
• Switching circuits




Similar Part No. - PMH550UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMH550UNE NEXPERIA-PMH550UNE Datasheet
276Kb / 14P
30 V, N-channel Trench MOSFET
6 February 2023
PMH550UNE NEXPERIA-PMH550UNE Datasheet
272Kb / 14P
30 V, N-channel Trench MOSFET
8 March 2019
PMH550UNE NEXPERIA-PMH550UNE Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PMH550UNE NEXPERIA-PMH550UNE Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
PMH550UNEA NEXPERIA-PMH550UNEA Datasheet
278Kb / 15P
30 V, N-channel Trench MOSFET
11 July 2024
More results


Similar Description - PMH550UPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
20 V, P-channel Trench MOSFET
10 March 2014
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
20 V, P-channel Trench MOSFET
27 November 2014
PMV75UP PHILIPS-PMV75UP_15 Datasheet
279Kb / 15P
20 V, P-channel Trench MOSFET
25 April 2014
logo
Nexperia B.V. All right...
PMN52XP NEXPERIA-PMN52XP Datasheet
724Kb / 16P
20 V, P-channel Trench MOSFET
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
20 V, P-channel Trench MOSFET
PMV30XPEA NEXPERIA-PMV30XPEA Datasheet
722Kb / 16P
20 V, P-channel Trench MOSFET
PMV65XPE NEXPERIA-PMV65XPE Datasheet
708Kb / 15P
20 V, P-channel Trench MOSFET
25 April 2014
PMZ350UPE NEXPERIA-PMZ350UPE Datasheet
701Kb / 14P
20 V, P-channel Trench MOSFET
BSH205G2A NEXPERIA-BSH205G2A Datasheet
277Kb / 15P
20 V, P-channel Trench MOSFET
13 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com