Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28SRC01 Datasheet (PDF) - Skyworks Solutions Inc.

SL28SRC01 Datasheet PDF - Skyworks Solutions Inc.
Part # SL28SRC01
Download  SL28SRC01 Download
File Size   1176.27 Kbytes
Page   11 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description PCI Express Gen 2 & Gen 3 Clock Generator

SL28SRC01 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL28SRC01 Datasheet PDF - Skyworks Solutions Inc.

Part # SL28SRC01
Download  SL28SRC01 Click to download

File Size   1176.27 Kbytes
Page   11 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description PCI Express Gen 2 & Gen 3 Clock Generator

SL28SRC01 Datasheet (HTML) - Skyworks Solutions Inc.


SL28SRC01 Product details

Features
• Low power PCI Express Gen 2 & Gen 3clock generator
• One100-MHz differential SRC clocks
• Low power push-pull output buffers (no 50ohm to
ground needed)
• Integrated 33ohm series termination resistors
• Low jitter (<50pS)
• SSON input for enabling spread spectrum clock
• Triangular Spread Spectrum profile for maximum
electromagnetic interference (EMI) reduction
• Input frequency of 14.318MHz
• Industrial Temperature -40oC to 85oC
• 3.3V power supply
• 16-pin TSSOP package




Similar Part No. - SL28SRC01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28SRC01 SILABS-SL28SRC01 Datasheet
382Kb / 11P
One100-MHz differential SRC clocks
More results


Similar Description - SL28SRC01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI50122-A5 SILABS-SI50122-A5 Datasheet
1Mb / 14P
CRYSTAL-LESS PCI-EXPRESS GEN 1, GEN 2, & GEN 3 DUAL OUTPUT CLOCK GENERATOR
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com