Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C106 Datasheet (PDF) - Sanken electric

C106 Datasheet PDF - Sanken electric
Part # C106
Download  C106 Download
File Size   1182.59 Kbytes
Page   18 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Operate on the main AC line 100V and 200V

C106 Datasheet (PDF)

Go To PDF Page Download Datasheet
C106 Datasheet PDF - Sanken electric

Part # C106
Download  C106 Click to download

File Size   1182.59 Kbytes
Page   18 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Operate on the main AC line 100V and 200V

C106 Datasheet (HTML) - Sanken electric


C106 Product details

Operate on the main AC line 100V and 200V




Similar Part No. - C106

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
GE Solid State
C106 GESS-C106 Datasheet
37Kb / 1P
4-A Sensitive-Gate Silicon Controlled Rectifiers
logo
Digitron Semiconductors
C106 DIGITRON-C106 Datasheet
156Kb / 3P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C106 NJSEMI-C106 Datasheet
111Kb / 2P
The Type C106 Silicon Controlled Rectifier
More results


Similar Description - C106

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A108024600 ETC2-A108024600 Datasheet
72Kb / 3P
Timers Delay on Operate
DAA01CM24 ETC2-DAA01CM24 Datasheet
68Kb / 3P
Timers Delay on Operate
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
Timers Delay on Operate
EASSM2310M ETC2-EASSM2310M Datasheet
62Kb / 2P
Timers Delay on Operate
FAA01DM24 ETC2-FAA01DM24 Datasheet
71Kb / 3P
Timers Delay on Operate
logo
Central Semiconductor C...
CMSH3-100MHV_SERIES CENTRAL-CMSH3-100MHV_SERIES Datasheet
1Mb / 2P
3.0A, 100V thru 200V Schottky Rectifiers in the SMB package
logo
Lumileds Lighting Compa...
LXV8-PW27-0014 LUMILEDS-LXV8-PW27-0014 Datasheet
1Mb / 23P
High Voltage (100V and 200V) LED
logo
List of Unclassifed Man...
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
Timers Delay on Operate
logo
Tyco Electronics
CLCU MACOM-CLCU Datasheet
51Kb / 2P
Delay on operate timing mode
logo
Carlo Gavazzi Holding A...
DAA51 CARLOGAVAZZI-DAA51 Datasheet
90Kb / 2P
Timers Delay on Operate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com