Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6681Z Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FDS6681Z Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FDS6681Z
Download  FDS6681Z Download
File Size   1096.79 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Enhancement Mode MOSFET

FDS6681Z Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6681Z Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FDS6681Z
Download  FDS6681Z Click to download

File Size   1096.79 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Enhancement Mode MOSFET

FDS6681Z Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FDS6681Z Product details

Features
RDS(ON)=5.2mQ@VGs=-10V
RDS(ON) =9.5mQ@VGs=-4V
Super high density cell design for extremely low RDS(ON)
Exceptional on-resistance and maximum DC current
capability




Similar Part No. - FDS6681Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
30 Volt P-Channel PowerTrench MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDS6681Z EVVOSEMI-FDS6681Z Datasheet
326Kb / 8P
P-Channel 30 V (D-S) MOSFET
Rev:2023A2
logo
VBsemi Electronics Co.,...
FDS6681Z-NL VBSEMI-FDS6681Z-NL Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
More results


Similar Description - FDS6681Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com