Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51731000 Datasheet (PDF) - Lapp.

51731000 Datasheet PDF - Lapp.
Part # 51731000
Download  51731000 Download
File Size   118.16 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® EKU

51731000 Datasheet (PDF)

Go To PDF Page Download Datasheet
51731000 Datasheet PDF - Lapp.

Part # 51731000
Download  51731000 Click to download

File Size   118.16 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® EKU

51731000 Datasheet (HTML) - Lapp.


51731000 Product details

Technical features:
Material: Polyamide, glass fibre reinforced
External thread: PG7 up to PG42 acc. to DIN 40430
Internal thread: PG9 up to PG48 acc. to DIN 40430
Temperature range: -40° C up to +100° C
Colour: RAL 7035 light-grey




Similar Part No. - 51731000

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
51731C ALPHAWIRE-51731C Datasheet
99Kb / 5P
Customer SpecificationS
12/12/2022
More results


Similar Description - 51731000

ManufacturerPart #DatasheetDescription
logo
Lapp.
52001970 LAPP-52001970 Datasheet
119Kb / 2P
SKINDICHT® SNR
03.07.2018
52002530 LAPP-52002530 Datasheet
153Kb / 2P
SKINDICHT® SHV
03.07.2018
52002680 LAPP-52002680 Datasheet
99Kb / 1P
SKINDICHT® BL
22.11.2018
52003490 LAPP-52003490 Datasheet
102Kb / 1P
SKINDICHT® SM
21.10.2022
52005470 LAPP-52005470 Datasheet
122Kb / 2P
SKINDICHT® SVFK
03.07.2018
52005540 LAPP-52005540 Datasheet
178Kb / 2P
SKINDICHT® SVRE
06.06.2023
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
52005949 LAPP-52005949 Datasheet
126Kb / 1P
SKINDICHT® BLK
03.07.2018
52010780 LAPP-52010780 Datasheet
195Kb / 3P
SKINDICHT® SRE
03.07.2018
52100300 LAPP-52100300 Datasheet
117Kb / 2P
SKINDICHT® EKU-M
13.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com