Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPB50ENE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMPB50ENE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMPB50ENE
Download  PMPB50ENE Download
File Size   314.67 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, N-channel Trench MOSFET

PMPB50ENE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMPB50ENE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMPB50ENE
Download  PMPB50ENE Click to download

File Size   314.67 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, N-channel Trench MOSFET

PMPB50ENE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMPB50ENE Product details

1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless medium power
DFN2020MD-6 (SOT1220) Surface-Mounted Device (SMD) plastic package using Trench
MOSFET technology.
2. Features and benefits
• Extended temperature range Tj = 175 °C
• Small and leadless ultra thin SMD plastic package: 2 x 2 x 0.65 mm
• Tin-plated 100 % solderable side pads for optical solder inspection
• ElectroStatic Discharge (ESD) protection > 2 kV HBM
• Trench MOSFET technology
3. Applications
• Relay driver
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - PMPB50ENE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB55ENEA NEXPERIA-PMPB55ENEA Datasheet
748Kb / 16P
60 V, N-channel Trench MOSFET
PMPB55ENEAX NEXPERIA-PMPB55ENEAX Datasheet
748Kb / 16P
60 V, N-channel Trench MOSFET
PMPB55XNEA NEXPERIA-PMPB55XNEA Datasheet
302Kb / 15P
30 V, N-channel Trench MOSFET
PMPB55XNEAX NEXPERIA-PMPB55XNEAX Datasheet
302Kb / 15P
30 V, N-channel Trench MOSFET
More results


Similar Description - PMPB50ENE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
30 V N-channel Trench MOSFET
14 January 2014
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
30 V, N-channel Trench MOSFET
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
30 V, N-channel Trench MOSFET
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
30 V, N-channel Trench MOSFET
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
30 V, N-channel Trench MOSFET
7 July 2020
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
30 V, N-channel Trench MOSFET
12 April 2019
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
30 V, N-channel Trench MOSFET
29 April 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com