Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV32UP Datasheet (PDF) - VBsemi Electronics Co.,Ltd

PMV32UP Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # PMV32UP
Download  PMV32UP Download
File Size   495.19 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 30 V (D-S) MOSFET

PMV32UP Datasheet (PDF)

Go To PDF Page Download Datasheet
PMV32UP Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # PMV32UP
Download  PMV32UP Click to download

File Size   495.19 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 30 V (D-S) MOSFET

PMV32UP Datasheet (HTML) - VBsemi Electronics Co.,Ltd


PMV32UP Product details

FEATURES
• TrenchFET® Power MOSFET
• 100 % Rg Tested
APPLICATIONS
• For Mobile Computing
- Load Switch
- Notebook Adaptor Switch
- DC/DC Converter




Similar Part No. - PMV32UP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMV32UP PHILIPS-PMV32UP Datasheet
978Kb / 15P
20 V, 4 A P-channel Trench MOSFET
Rev. 1-11 March 2011
logo
ZP Semiconductor
PMV32UP ZPSEMI-PMV32UP Datasheet
450Kb / 4P
20 V, 4 A P-channel Trench MOSFET
logo
Nexperia B.V. All right...
PMV32UP NEXPERIA-PMV32UP Datasheet
1Mb / 15P
20 V, 4 A P-channel Trench MOSFET
Rev. 1 - 11 March 2011
More results


Similar Description - PMV32UP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com