| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PMN20EN
|
822Kb / 15P |
30 V, 6.7 A N-channel Trench MOSFET
Rev. 1-30 May 2011 |
|
PMF250XN
|
889Kb / 15P |
30 V, 0.9 A N-channel Trench MOSFET
Rev. 1-7 December 2011 |
|
PMV22EN
|
996Kb / 14P |
30 V, 5.2 A N-channel Trench MOSFET
Rev. 1-30 March 2011 |
|
PMN35EN
|
823Kb / 15P |
30 V, 5.1 A N-channel Trench MOSFET
Rev. 1-20 July 2011 |
|
PMV37EN
|
811Kb / 15P |
30 V, 3.1 A N-channel Trench MOSFET
Rev. 1-9 May 2011 |
|
PMT21EN
|
189Kb / 15P |
30 V, 7.4 A N-channel Trench MOSFET
Rev. 1-30 August 2011 |
 ZP Semiconductor |
PMV20XN
|
447Kb / 4P |
30 V, 4.8 A N-channel Trench MOSFET
|
|
PMV37EN
|
406Kb / 3P |
30 V, 3.1 A N-channel Trench MOSFET
|
 Nexperia B.V. All right... |
PMN25EN
|
465Kb / 18P |
30 V, 6.2 A N-channel Trench MOSFET
Rev. 1 - 29 August 2011 |
|
PMN35EN
|
1Mb / 16P |
30 V, 5.1 A N-channel Trench MOSFET
Rev. 1 - 20 July 2011 |