Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM2402V Datasheet (PDF) - VBsemi Electronics Co.,Ltd

QM2402V Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # QM2402V
Download  QM2402V Download
File Size   475.61 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 30 V (D-S) MOSFET

QM2402V Datasheet (PDF)

Go To PDF Page Download Datasheet
QM2402V Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # QM2402V
Download  QM2402V Click to download

File Size   475.61 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 30 V (D-S) MOSFET

QM2402V Datasheet (HTML) - VBsemi Electronics Co.,Ltd


QM2402V Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• Low On-Resistance
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• DC/DC Converters, High Speed Switching




Similar Part No. - QM2402V

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
QM2402J UPI-QM2402J Datasheet
250Kb / 4P
N-Ch 20V Fast Switching MOSFETs
QM2402K UPI-QM2402K Datasheet
236Kb / 5P
N-Ch 20V Fast Switching MOSFETs
logo
VBsemi Electronics Co.,...
QM2402K VBSEMI-QM2402K Datasheet
482Kb / 9P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - QM2402V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com