Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52005810 Datasheet (PDF) - Lapp.

52005810 Datasheet PDF - Lapp.
Part # 52005810
Download  52005810 Download
File Size   91.35 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® USK

52005810 Datasheet (PDF)

Go To PDF Page Download Datasheet
52005810 Datasheet PDF - Lapp.

Part # 52005810
Download  52005810 Click to download

File Size   91.35 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® USK

52005810 Datasheet (HTML) - Lapp.


52005810 Product details

Technical Features:
Connecting thread PG7 up to PG48 acc. to DIN 40430
Nominal wide NW 10 up to NW 56
Protection class IP54 up to IP65 acc. to EN 60529
Depending on the used conduit
Temperature range -10°C up to +110°C




Similar Part No. - 52005810

ManufacturerPart #DatasheetDescription
logo
Hutchinson Paulstra
520058 PAULSTRA-520058 Datasheet
190Kb / 4P
RADIAFLEX
More results


Similar Description - 52005810

ManufacturerPart #DatasheetDescription
logo
Lapp.
52003130 LAPP-52003130 Datasheet
124Kb / 2P
SILVYN® SCH
08.05.2018
55501300 LAPP-55501300 Datasheet
96Kb / 2P
SILVYN® USK-M
08.05.2018
55501850 LAPP-55501850 Datasheet
205Kb / 2P
SILVYN® SSVZ-M
06.06.2023
55502470 LAPP-55502470 Datasheet
123Kb / 2P
SILVYN® MPC
03.07.2018
55502601 LAPP-55502601 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502611 LAPP-55502611 Datasheet
108Kb / 2P
SILVYN® US-M AS / SILVYN® US AS
07.03.2019
55506905 LAPP-55506905 Datasheet
121Kb / 2P
SILVYN® FCL
22.12.2020
55507000 LAPP-55507000 Datasheet
89Kb / 1P
SILVYN® FPAC
03.07.2018
55510700 LAPP-55510700 Datasheet
97Kb / 2P
SILVYN® HYGIENIC
03.07.2018
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com