Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH7102A Datasheet (PDF) - Chrontel, Inc.

CH7102A Datasheet PDF - Chrontel, Inc.
Part # CH7102A
Download  CH7102A Download
File Size   190.59 Kbytes
Page   6 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7102A HDMI to BT656 Converter

CH7102A Datasheet (PDF)

Go To PDF Page Download Datasheet
CH7102A Datasheet PDF - Chrontel, Inc.

Part # CH7102A
Download  CH7102A Click to download

File Size   190.59 Kbytes
Page   6 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7102A HDMI to BT656 Converter

CH7102A Datasheet (HTML) - Chrontel, Inc.


CH7102A Product details

FEATURES GENERAL DESCRIPTION
 HDMI Receiver compliant with HDMI 1.4 specification
 Support ITU-R 601 or ITU-R 656 compatible YCbCr
4:2:2 output format with embedded syncs or discrete
syncs. Support resolution up to 1280 x 720@60Hz or
1920x1080@30Hz for YCbCr 4:2:2 output
 On-chip Audio encoder which support 2 channel IIS/
S/PDIF audio output
 Optional HDCP 1.4 specification supported
 MCU embedded to handle the control logic
 Support device boot up by automatically loading
firmware from on-chip flash
 Integrated EDID Buffer
 Crystal Free architecture
 HDMI input detection supported
 Support Auto Power Saving mode and low stand-by
current
 Support RGB to YCC conversion in ITU-R BT.601 and
709 color space
 IIC slave interface and HDMI DDC interface are
available for configuration and firmware update.
 Low power architecture
 RoHS compliant and Halogen free package
 Offered in 40-Pin QFN package (5 x 5 mm)
APPLICATION
 Car Infotainment Device
 Notbook/Ultrabook
 Tablet Device
 Handheld/Portable Device
 Digital Video Systems
Chrontel’s CH7102A is a low-cost, low-power
semiconductor device that consists of HDMI receiver,
YCbCr 4:2:2 encoder and audio encoder, which can
convert HDMI signals into 8 bit YCbCr 4:2:2 outputs
with IIS or SPDIF audio output.
The HDMI Receiver integrated is compliant with HDMI
1.4b. With sophisticated MCU and the On-chip Flash,
CH7102A supports auto-boot and programmable EDID
ROM. Leveraging the firmware auto loaded from the
embedded Flash, CH7102A can support HDMI input
detection enter into Power saving mode automatically




Similar Part No. - CH7102A

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
CH710-CF APACER-CH710-CF Datasheet
2Mb / 5P
ApacerindustrialCH710-CFcard
logo
Chrontel, Inc.
CH7101B CHRONTEL-CH7101B Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7101B-BF CHRONTEL-CH7101B-BF Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7101B-BFI CHRONTEL-CH7101B-BFI Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7103B CHRONTEL-CH7103B Datasheet
186Kb / 6P
CH7103B HDMI to YPbPr Converter
Rev 1.5 2021-5-20
More results


Similar Description - CH7102A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P142000MICRO TRIPPLITE-P142000MICRO Datasheet
495Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F-M)
P142-000-MICRO TRIPPLITE-P142-000-MICRO Datasheet
171Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F/M)
logo
Kinetic Technologies.
STDP2550 KINETIC-STDP2550 Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2600 KINETIC-STDP2600 Datasheet
326Kb / 4P
Advanced HDMI to DisplayPort Converter
October 2020 - Revision 03b
STDP2650 KINETIC-STDP2650 Datasheet
168Kb / 5P
Advanced DisplayPort to HDMI converter
September 2022 - Revision 03d
logo
Chrontel, Inc.
CH7101B CHRONTEL-CH7101B Datasheet
172Kb / 7P
CH7101B HDMI to VGA Converter
Rev 1.1 2017-7-18
CH7103B CHRONTEL-CH7103B Datasheet
186Kb / 6P
CH7103B HDMI to YPbPr Converter
Rev 1.5 2021-5-20
CH7105B CHRONTEL-CH7105B Datasheet
202Kb / 7P
CH7105B HDMI to SDTV/VGA Converter
Rev 1.5 2021-5-20
CH7107B CHRONTEL-CH7107B Datasheet
194Kb / 7P
CH7107B HDMI to CVBS Converter
Rev 1.6 2021-5-20
CH7117B CHRONTEL-CH7117B Datasheet
214Kb / 8P
CH7117B HDMI to SDTV/HDTV/BT656/VGA Converter with Flexible Scaler
Rev 1.1 2020-6-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com