Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH7517 Datasheet (PDF) - Chrontel, Inc.

CH7517 Datasheet PDF - Chrontel, Inc.
Part # CH7517
Download  CH7517 Download
File Size   204.49 Kbytes
Page   7 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7517 DisplayPort to VGA Converter

CH7517 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH7517 Datasheet PDF - Chrontel, Inc.

Part # CH7517
Download  CH7517 Click to download

File Size   204.49 Kbytes
Page   7 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7517 DisplayPort to VGA Converter

CH7517 Datasheet (HTML) - Chrontel, Inc.


CH7517 Product details

FEATURES GENERAL DESCRIPTION
 Compliant with DisplayPort specification version 1.2
and Embedded DisplayPort (eDP) specification version
1.3.
 Support 2 Main Link Lanes at either 1.62Gb/s or
2.7Gb/s link rate
 Support analog RGB output for VGA with Triple 9-bit
DAC up to 200MHz pixel rate. Sync signals can be
provided in separated or composite manner. Support
VESA and CEA timing standards u up to 1920x1200@
60Hz or 2048x1152@60Hz with reduced blanking
 VGA output is compliant with VESA VSIS v1r2
specification
 Embedded MCU to handle the control logic
 Support device boot up by automatically loading
firmware from on-chip flash Boot ROM
 Integrated EDID Buffer, and MCCS bypass supported
 Supports Enhanced Framing Mode
 Fast and full Link Training for embedded DisplayPort
system
 Support eDP Authentication: Alternative Scramble Seed
Reset and Alternative Framing
 2 work modes: connect 27MHz crystal, inject 27MHz
clock
 DAC connection detection supported
 DP input detection supported
 Support Auto Power Saving mode and low stand-by
current
 Support Spread Spectrum Clocking (de-spreading) for
EMI reduction
 DP AUX channel and IIC slave interface are available
for firmware update and debug
 Low power architecture
 3.3V/1.05V power supply supported for motherboard
solution design
 RoHS compliant and Halogen free package
 Offered in 40-Pin QFN package (5 x 5 mm)
APPLICATION
 Notebook/Ultrabook
 Tablet Device
 Handheld/Portable Device
 PC
Chrontel’s CH7517 is a low-cost, low-power
semiconductor device that translates the DisplayPort
signal to the VGA. This innovative DisplayPort receiver
with an integrated VGA encoder is specially designed to
target the notebook/ultrabook, tablet device and PC
market segments. Through the CH7517’s advanced
decoding / encoding algorithm, the input DisplayPort
high-speed serialized multimedia data can be seamlessly
converted to analog RGB video output.
The CH7517 is compliant with the DisplayPort
specification version 1.2 and the Embedded DisplayPort
Specification version 1.3. In the device’s receiver block,
which supports two DisplayPort Main Link Lanes input
with data rate running at either 1.62Gb/s or 2.7Gb/s, can
accept RGB digital formats in either 18-bit 6:6:6 or 24-bit
8:8:8, and converted the input signal to VGA output up to
1920x1200@ 60Hz or 2048x1152@60Hz with reduced
blanking. Leveraging the DisplayPort’s unique
source/sink “Link Training” routine, the CH7517 is
capable of instantly bring up the video display to the
VGA monitor when the initialization process is
completed between CH7517 and the graphic chip.
The DACs are based on current source architecture. And
the VGA output meet VESA VSIS v1r2 clock jitter target.
With sophisticated MCU and the on-chip Flash, CH7517
support auto-boot and EDID buffer. After the
configuration by firmware, which is auto loaded from the
Flash embedded, CH7517 supports DisplayPort input
detection, DAC connection detection and determine to
enter into power saving mode automatically.




Similar Part No. - CH7517

ManufacturerPart #DatasheetDescription
logo
Chrontel, Inc.
CH7511B CHRONTEL-CH7511B Datasheet
203Kb / 7P
CH7511B eDP to LVDS Converter
Rev. 1.2 07/15/2020
CH7511B-BF CHRONTEL-CH7511B-BF Datasheet
203Kb / 7P
CH7511B eDP to LVDS Converter
Rev. 1.2 07/15/2020
CH7511B-BFI CHRONTEL-CH7511B-BFI Datasheet
203Kb / 7P
CH7511B eDP to LVDS Converter
Rev. 1.2 07/15/2020
CH7513A CHRONTEL-CH7513A Datasheet
217Kb / 8P
CH7513A DP/eDP to LVDS or DP/eDP Converter
Rev 1.1 2023-05-05
CH7513A-BF CHRONTEL-CH7513A-BF Datasheet
217Kb / 8P
CH7513A DP/eDP to LVDS or DP/eDP Converter
Rev 1.1 2023-05-05
More results


Similar Description - CH7517

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX630-100-FL AXIOMTEK-EBOX630-100-FL Datasheet
328Kb / 1P
Supports VGADual DisplayPort
logo
Tripp Lite. All Rights ...
P134000VGAV2 TRIPPLITE-P134000VGAV2 Datasheet
519Kb / 2P
DisplayPort 1.2 to VGA Compact Adapter Converter (DP-Male to VGA-Female)
P13706NVGAV2 TRIPPLITE-P13706NVGAV2 Datasheet
492Kb / 2P
Mini DisplayPort 1.2 to VGA Adapter Converter (Mini-DP Male to VGA Female), 6-in
B155-002-VGA TRIPPLITE-B155-002-VGA Datasheet
498Kb / 2P
2-Port Mini DisplayPort to VGA Splitter
B157-002-VGA TRIPPLITE-B157-002-VGA Datasheet
499Kb / 2P
2-Port DisplayPort to VGA Splitter
P134-06N-VGA-V2 TRIPPLITE-P134-06N-VGA-V2 Datasheet
176Kb / 3P
DisplayPort 1.2 to VGA Active Converter, DisplayPort to HD15 (M/F), 1920 x 1200/1080p, 6 in.
logo
IOGEAR
GDPVGAW6 IOGEAR-GDPVGAW6 Datasheet
132Kb / 2P
DisplayPort to VGA Adapter Cable
GMDPVGAW6 IOGEAR-GMDPVGAW6 Datasheet
130Kb / 2P
Mini DisplayPort to VGA Adapter Cable
logo
Kinetic Technologies.
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
STDP3150 KINETIC-STDP3150 Datasheet
135Kb / 5P
DisplayPort to VGA Converter
April 2020 - Revision 03b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com