Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1054548 Datasheet (PDF) - PHOENIX CONTACT

1054548 Datasheet PDF - PHOENIX CONTACT
Part # 1054548
Download  1054548 Download
File Size   364.2 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 4-G-7,62 - PCB header

1054548 Datasheet (PDF)

Go To PDF Page Download Datasheet
1054548 Datasheet PDF - PHOENIX CONTACT

Part # 1054548
Download  1054548 Click to download

File Size   364.2 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 4-G-7,62 - PCB header

1054548 Datasheet (HTML) - PHOENIX CONTACT


1054548 Product details

PCB headers, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 630 V, contact surface: Tin, contact connection type: Pin, number of potentials: 4, number
of rows: 1, number of positions: 4, number of connections: 4, product range: PC 6/..-G, pitch: 7.
62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 2.6 mm, number of
solder pins per potential: 3, plug-in system: COMBICON PC 6, Pin connector pattern alignment:
Standard, locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Increased touch protection in the pin connector pattern for maximum safety even when not plugged in
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use




Similar Part No. - 1054548

ManufacturerPart #DatasheetDescription
logo
SICK AG
1054540 SICK-1054540 Datasheet
820Kb / 6P
Camera system
2016-03-09
logo
PHOENIX CONTACT
1054542 PHOENIX-1054542 Datasheet
251Kb / 6P
VS-FP-SD-D-RJ456A-BUBU - Front plate
1054543 PHOENIX-1054543 Datasheet
249Kb / 6P
VS-FP-SD-FR-RJ456A-BUBU - Front plate
1054545 PHOENIX-1054545 Datasheet
382Kb / 13P
PCH 6/ 44-GL4-7,62
1054546 PHOENIX-1054546 Datasheet
85Kb / 5P
Printed-circuit board connector - PC 6/ 2-G-7,62
09/12/2020
More results


Similar Description - 1054548

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1190486 PHOENIX-1190486 Datasheet
439Kb / 10P
PCB header - PC 6/ 2-G-7,62 P26THR
Jul 20, 2022
1190490 PHOENIX-1190490 Datasheet
446Kb / 10P
PCB header - PC 6/ 4-G-7,62 P26THR
Jul 20, 2022
1190492 PHOENIX-1190492 Datasheet
446Kb / 10P
PCB header - PC 6/ 5-G-7,62 P26THR
Jul 20, 2022
1190494 PHOENIX-1190494 Datasheet
445Kb / 10P
PCB header - PC 6/ 6-G-7,62 P26THR
Jul 20, 2022
1199931 PHOENIX-1199931 Datasheet
467Kb / 10P
PCB header - PC 6/ 4-G-7,62 P26THRR56
Jul 20, 2022
1804797 PHOENIX-1804797 Datasheet
975Kb / 16P
PCB header - PC 4/ 2-G-7,62
Jul 21, 2022
1804810 PHOENIX-1804810 Datasheet
975Kb / 16P
PCB header - PC 4/ 4-G-7,62
Jul 21, 2022
1720505 PHOENIX-1720505 Datasheet
461Kb / 15P
PCB header - PC 5/ 6-G-7,62
Jan 4, 2023
1054547 PHOENIX-1054547 Datasheet
262Kb / 9P
PCB header - PC 6/ 3-G-7,62
Jan 10, 2023
1804849 PHOENIX-1804849 Datasheet
410Kb / 11P
PCB header - PC 4/ 7-G-7,62
Dec 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com