Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRTR5V0U8S Datasheet (PDF) - Nexperia B.V. All rights reserved

PRTR5V0U8S Datasheet PDF - Nexperia B.V. All rights reserved
Part # PRTR5V0U8S
Download  PRTR5V0U8S Download
File Size   215.43 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Integrated octal low-capacity ESD protection to IEC 61000-4-2 level 4

PRTR5V0U8S Datasheet (PDF)

Go To PDF Page Download Datasheet
PRTR5V0U8S Datasheet PDF - Nexperia B.V. All rights reserved

Part # PRTR5V0U8S
Download  PRTR5V0U8S Click to download

File Size   215.43 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Integrated octal low-capacity ESD protection to IEC 61000-4-2 level 4

PRTR5V0U8S Datasheet (HTML) - Nexperia B.V. All rights reserved


PRTR5V0U8S Product details

1.1 General description
The PRTR5V0U8S is designed to protect Input/Output (I/O) ports that are sensitive
concerning capacitive load, such as USB 2.0, Ethernet, Digital Video Interface (DVI), etc.
from destruction by ElectroStatic Discharges (ESD).
Therefore, the PRTR5V0U8S incorporates eight pairs of ultra low capacity rail-to-rail
diodes plus an additional Zener diode to provide protection to downstream signal and
supply components from ESD voltages as high as ±8 kV contact discharge.
Due to the rail-to-rail diodes being connected to the Zener diode, the protection is working
independently from the availability of a supply voltage.
The PRTR5V0U8S is fabricated using thin film-on-silicon technology and integrates eight
pairs of ultra low capacity rail-to-rail ESD protection diodes in a miniature 10-lead
TSSOP10 package.
1.2 Features and benefits
Pb-free and Restriction of Hazardous Substances (RoHS) compliant, dark green
ESD protection of up to eight Hi-Speed data lines or high-frequency signal lines
Eight pairs of ESD rail-to-rail protection diodes
ultra low input capacitance: C(I/O-GND) = 1 pF
ESD protection up to 8 kV (contact discharge compliant)
IEC 61000-4-2, level 4 (ESD)
Low voltage clamping due to an integrated protection Zener diode
Small TSSOP10 (SOT552-1) package
1.3 Applications
General-purpose downstream ESD protection high-frequency analog signals and
high-speed serial data transmission for ports inside:
Cellular and Personal Communication System (PCS) mobile handsets
USB 2.0 ports in PC or notebook
IEEE 1394 ports
Digital Video Interface (DVI) and High Definition Multimedia Interface (HDMI)
Cordless telephones
Wireless data: Wide Area Network (WAN) and Local Area Network (LAN) systems
Personal Digital Assistants (PDAs)




Similar Part No. - PRTR5V0U8S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U8S NXP-PRTR5V0U8S Datasheet
58Kb / 7P
Integrated octal low-capacity ESD protection to IEC 61000-4-2 level 4
Rev. 01-14 January 2008
More results


Similar Description - PRTR5V0U8S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6 Datasheet
128Kb / 6P
Dual USB 2.0 Integrated ESD protection to IEC 61000-4-2 level 4
2005 January 05
IP5306CX8 NXP-IP5306CX8 Datasheet
247Kb / 15P
Integrated differential microphone filter with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
PRTR5V0U6AS NXP-PRTR5V0U6AS Datasheet
57Kb / 7P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01-18 February 2008
PRTR5V0U8S NXP-PRTR5V0U8S Datasheet
58Kb / 7P
Integrated octal low-capacity ESD protection to IEC 61000-4-2 level 4
Rev. 01-14 January 2008
IP4234CZ6 NXP-IP4234CZ6 Datasheet
68Kb / 9P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
IP4234CZ6 PHILIPS-IP4234CZ6_15 Datasheet
68Kb / 9P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
IP4059CX5 NXP-IP4059CX5 Datasheet
97Kb / 9P
Integrated USB 2.0 and USB OTG ESD protection to IEC 61000-4-2 level 4
Rev. 1-15 September 2011
logo
Nexperia B.V. All right...
IP4059CX5 NEXPERIA-IP4059CX5 Datasheet
329Kb / 10P
Integrated USB 2.0 and USB OTG ESD protection to IEC 61000-4-2 level 4
Rev. 1 - 15 September 2011
IP4234CZ6 NEXPERIA-IP4234CZ6 Datasheet
190Kb / 11P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 3.0 - 31 January 2018
PRTR5V0U6AS NEXPERIA-PRTR5V0U6AS Datasheet
172Kb / 8P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01 - 18 February 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com