Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN1R1-50SLH Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN1R1-50SLH Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN1R1-50SLH
Download  PSMN1R1-50SLH Download
File Size   252.94 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 50 V, 1.18 mOhm, 280 A logic level MOSFET in LFPAK88 using NextPower-S3 Schottky-Plus technology

PSMN1R1-50SLH Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN1R1-50SLH Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN1R1-50SLH
Download  PSMN1R1-50SLH Click to download

File Size   252.94 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 50 V, 1.18 mOhm, 280 A logic level MOSFET in LFPAK88 using NextPower-S3 Schottky-Plus technology

PSMN1R1-50SLH Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN1R1-50SLH Product details

1. General description
280 Amp, logic level gate drive N-channel enhancement mode MOSFET in 175 °C LFPAK88
package using advanced TrenchMOS Superjunction technology. This product has been designed
and qualified for high performance industrial applications.
2. Features and benefits
• 280 Amp continuous current capability
• LFPAK88 (8 x 8 mm) LFPAK-style low-stress exposed lead-frame for ultimate reliability,
optimum soldering and easy solder-joint inspection
• Copper-clip and solder die attach for low package inductance and resistance, and high ID(max)
rating
• Ideal replacement for D2PAK and 10 x 12 mm leadless package types
• Qualified to 175 °C
• Avalanche rated, 100 % tested
• Low QG, QGD and QOSS for high efficiency, especially at higher switching frequencies
• Superfast switching with soft body-diode recovery for low-spiking and ringing, recommended for
low EMI designs
• Unique “SchottkyPlus” technology for Schottky-like switching performance and low IDSS leakage
• Narrow VGS(th) rating for easy paralleling and improved current sharing
• Very strong linear-mode / safe operating area characteristics for safe and reliable switching at
high-current conditions
3. Applications
• Brushless DC motor control
• Synchronous rectifier in high-power AC-to-DC applications, e.g. server power supplies
• Battery protection and Battery Management Systems (BMS)
• Load switch
• 10 cell lithium-ion battery applications (36 V ‒ 42 V)




Similar Part No. - PSMN1R1-50SLH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R1-100CSE NEXPERIA-PSMN1R1-100CSE Datasheet
266Kb / 8P
N-channel, 100 V, 1.09 mOhm, MOSFET with enhanced SOA in CCPAK1212i package
7 February 2024
logo
NXP Semiconductors
PSMN1R1-25YLC PHILIPS-PSMN1R1-25YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN1R1-25YLC PHILIPS-PSMN1R1-25YLC Datasheet
1Mb / 8P
NextPower MOSFETs
May 2011
logo
Nexperia B.V. All right...
PSMN1R1-25YLC NEXPERIA-PSMN1R1-25YLC Datasheet
973Kb / 15P
N-channel 25 V 1.15 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 2 May 2011
logo
NXP Semiconductors
PSMN1R1-25YLC NXP-PSMN1R1-25YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
More results


Similar Description - PSMN1R1-50SLH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R0-40YLD PHILIPS-PSMN1R0-40YLD_15 Datasheet
296Kb / 13P
N-channel 40 V 1.1 m廓 logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
25 August 2014
logo
Nexperia B.V. All right...
PSMN1R0-40YLD NEXPERIA-PSMN1R0-40YLD Datasheet
269Kb / 14P
N-channel 40 V, 1.1 m廓, 280 A logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
PSMN1R0-40ULD NEXPERIA-PSMN1R0-40ULD Datasheet
269Kb / 13P
N-channel 40 V, 1.1 mΩ, 280 A logic level MOSFET in SOT1023A enhanced package for UL2595, using NextPower- S3 Schottky-Plus technology
23 May 2018
PSMN1R7-40YLD NEXPERIA-PSMN1R7-40YLD Datasheet
307Kb / 13P
N-channel 40 V, 1.8 mΩ, 200 A logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
27 August 2019
PSMN1R9-40YSD NEXPERIA-PSMN1R9-40YSD Datasheet
308Kb / 13P
N-channel 40 V, 1.9 mΩ, 200 A standard level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
27 August 2019
PSMN2R0-40YLD NEXPERIA-PSMN2R0-40YLD Datasheet
307Kb / 13P
N-channel 40 V, 2.1 mΩ, 180 A logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
25 September 2019
PSMN2R5-40YLD NEXPERIA-PSMN2R5-40YLD Datasheet
309Kb / 13P
N-channel 40 V, 2.6 mΩ, 160 A logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
27 August 2019
PSMN3R2-40YLD NEXPERIA-PSMN3R2-40YLD Datasheet
311Kb / 13P
N-channel 40 V, 3.3 mΩ, 120 A logic level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
26 August 2019
PSMN8R5-40MLD NEXPERIA-PSMN8R5-40MLD Datasheet
300Kb / 12P
N-channel 40 V, 8.5 mΩ, logic level MOSFET in LFPAK33 using NextPower-S3 technology
10 February 2020
PSMNR90-40YLH NEXPERIA-PSMNR90-40YLH Datasheet
293Kb / 12P
N-channel 40 V, 0.94 mΩ, 300 A logic level MOSFET in LFPAK56E using NextPower-S3 Schottky-Plus technology
26 April 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com