Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN1R5-25MLH Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN1R5-25MLH Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN1R5-25MLH
Download  PSMN1R5-25MLH Download
File Size   301.51 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 25 V, 1.81 mΩ, 150 A logic level MOSFET in LFPAK33 using NextPowerS3 technology

PSMN1R5-25MLH Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN1R5-25MLH Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN1R5-25MLH
Download  PSMN1R5-25MLH Click to download

File Size   301.51 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 25 V, 1.81 mΩ, 150 A logic level MOSFET in LFPAK33 using NextPowerS3 technology

PSMN1R5-25MLH Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN1R5-25MLH Product details

1. General description
Logic level gate drive N-channel enhancement mode MOSFET in LFPAK33 package.
NextPowerS3 technology delivers low RDSon, low IDSS leakage and high efficiency. Rated to 150 A
and optimized with low gate resistance (RG) for fast-switching applications.
2. Features and benefits
• Optimized for low RDSon and low gate resistance (RG)
• Fast switching – reduced switching losses
• Strong linear-mode (SOA) rating
• Low leakage < 1 μA at 25 °C
• Low spiking and ringing for low EMI designs
• Optimized for 4.5 V gate drive
• 150 A continuous ID(max) rating
• High reliability copper-clip bonded and solder die attach LFPAK33 package
• Qualified to 175 °C
• Exposed leads for optimal visual solder inspection
3. Applications
• Synchronous buck regulator
• Synchronous rectifier in AC-DC and DC-DC applications
• BLDC (brushless) motor control
• eFuse and battery protection
• OR-ing and hot-swap




Similar Part No. - PSMN1R5-25MLH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R5-25MLH NEXPERIA-PSMN1R5-25MLH Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PSMN1R5-25MLH NEXPERIA-PSMN1R5-25MLH Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
More results


Similar Description - PSMN1R5-25MLH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R0-25MLD NEXPERIA-PSMN2R0-25MLD Datasheet
734Kb / 13P
N-channel 25 V, 2.1 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN3R5-25MLD NEXPERIA-PSMN3R5-25MLD Datasheet
734Kb / 13P
N-channel 25 V, 3.72 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN5R3-25MLD NEXPERIA-PSMN5R3-25MLD Datasheet
730Kb / 13P
N-channel 25 V, 5.3 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN6R1-25MLD NEXPERIA-PSMN6R1-25MLD Datasheet
728Kb / 13P
N-channel 25 V, 6.8 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN1R6-30MLH NEXPERIA-PSMN1R6-30MLH Datasheet
303Kb / 12P
N-channel 30 V, 1.9 mΩ, 160 A logic level MOSFET in LFPAK33 using NextPowerS3 technology
12 November 2019
PSMN1R8-30MLH NEXPERIA-PSMN1R8-30MLH Datasheet
304Kb / 12P
N-channel 30 V, 2.1 mΩ, 150 A logic level MOSFET in LFPAK33 using NextPowerS3 technology
30 September 2019
PSMN3R9-25MLC NEXPERIA-PSMN3R9-25MLC Datasheet
1Mb / 14P
N-channel 25 V 4.15 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4 - 15 June 2012
PSMN9R0-25MLC NEXPERIA-PSMN9R0-25MLC Datasheet
1Mb / 14P
N-channel 25 V 8.65 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3 - 15 June 2012
PSMNR51-25YLH NEXPERIA-PSMNR51-25YLH Datasheet
295Kb / 12P
N-channel 25 V, 0.57 mΩ, 380 A logic level MOSFET in LFPAK56E using NextPowerS3 technology
30 September 2019
PSMNR60-25YLH NEXPERIA-PSMNR60-25YLH Datasheet
308Kb / 13P
N-channel 25 V, 0.7 mΩ, 300 A logic level MOSFET in LFPAK56 using NextPowerS3 technology
30 September 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com