Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1238757 Datasheet (PDF) - PHOENIX CONTACT

1238757 Datasheet PDF - PHOENIX CONTACT
Part # 1238757
Download  1238757 Download
File Size   820.44 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-M12FSBP-OE-94B-LI/5,0X - Device connector, rear mounting

1238757 Datasheet (PDF)

Go To PDF Page Download Datasheet
1238757 Datasheet PDF - PHOENIX CONTACT

Part # 1238757
Download  1238757 Click to download

File Size   820.44 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-M12FSBP-OE-94B-LI/5,0X - Device connector, rear mounting

1238757 Datasheet (HTML) - PHOENIX CONTACT


1238757 Product details

Device connector, rear mounting, Ethernet CAT5 (1 Gbps), 8-position, PUR, water blue
RAL 5021, Flush-type female connector, straight, M12-SPEEDCON, coding: D , on free cable
end, Rear mounting, cable length: 5 m, 0.14 mm2, Ethernet, Item is lead-free in accordance with
RoHS II without Exemption 6c (Pb <0.1%)

Your advantages
• Preassembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Sealed on the cable side for optimum tightness of seal
• Cable designs for all common networks and fieldbuses
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1238757

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1238751 PHOENIX-1238751 Datasheet
641Kb / 17P
VS-FSBPYS-OE-94H/2,0 SCOX - Device connector, rear mounting
1238752 PHOENIX-1238752 Datasheet
639Kb / 17P
VS-FSBPYS-OE-94H/5,0 SCOX - Device connector, rear mounting
1238753 PHOENIX-1238753 Datasheet
440Kb / 11P
SACC-DSI-FSY-8CON-M16/0,5 SCOX - Device connector rear mounting
More results


Similar Description - 1238757

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405866 PHOENIX-1405866 Datasheet
804Kb / 24P
VS-M12FSBP-OE-93E-LI/2,0 - Device connector, rear mounting
1407877 PHOENIX-1407877 Datasheet
881Kb / 24P
VS-M12FSBP-OE-94B-LI/5,0 - Device connector, rear mounting
1412820 PHOENIX-1412820 Datasheet
347Kb / 10P
VS-M12FSBP-OE-94C-LI/2,0 - Device connector, rear mounting
1416263 PHOENIX-1416263 Datasheet
1Mb / 27P
VS-OE-M12FSBP-93R-LI/2,0 - Device connector, rear mounting
1238660 PHOENIX-1238660 Datasheet
370Kb / 7P
VS-M12FSBP-OE-94B-LI/0,5X - Device connector, rear mounting
1239240 PHOENIX-1239240 Datasheet
490Kb / 12P
VS-MSDBPS-OE-93K-LI/5,0X - Device connector, rear mounting
1239232 PHOENIX-1239232 Datasheet
440Kb / 11P
VS-MSDBPS-OE-93G-LI/5,0X - Device connector, rear mounting
1416155 PHOENIX-1416155 Datasheet
284Kb / 8P
VS-OE-M12FSBP-93B-LI/2,0 - Device connector, rear mounting
1416209 PHOENIX-1416209 Datasheet
1,018Kb / 28P
VS-OE-M12FSBP-93C-LI/2,0 - Device connector, rear mounting
1260715 PHOENIX-1260715 Datasheet
1Mb / 25P
VS-OE-M12FSBP-93R-LI/2,0X - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com