| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN1R6-30PL
|
233Kb / 13P |
N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009 |
|
PSMN1R6-30PL127
|
233Kb / 13P |
N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009 |
 Nexperia B.V. All right... |
BUK9K30-80E
|
273Kb / 12P |
Dual N-channel 80 V, 30 mΩ logic level MOSFET
12 May 2018 |
|
PSMN1R6-30BL
|
816Kb / 15P |
N-channel 30 V 1.9 mΩ logic level MOSFET in D2PAK
Rev. 1 - 22 March 2012 |
|
PSMN1R7-30YL
|
913Kb / 15P |
N-channel 30 V 1.7 mΩ logic level MOSFET in LFPAK
Rev. 1 - 30 May 2011 |
|
PSMN2R0-30PL
|
718Kb / 13P |
N-channel 30 V 2.1 mΩ logic level MOSFET
Rev. 01 - 24 June 2009 |
|
PSMN2R5-30YL
|
985Kb / 14P |
N-channel 30 V 2.4 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011 |
|
PSMN3R4-30PL
|
819Kb / 15P |
N-channel 30 V 3.4 mΩ logic level MOSFET
Rev. 01 - 2 November 2010 |
|
PSMN4R3-30PL
|
721Kb / 13P |
N-channel 30 V 4.3 mΩ logic level MOSFET
Rev. 01 - 16 June 2009 |
|
PSMN022-30PL
|
812Kb / 15P |
N-channel 30 V 22 mΩ logic level MOSFET
Rev. 02 - 1 November 2010 |