Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52107800 Datasheet (PDF) - Lapp.

52107800 Datasheet PDF - Lapp.
Part # 52107800
Download  52107800 Download
File Size   115.48 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® RWV-M / RWV-M O. ED

52107800 Datasheet (PDF)

Go To PDF Page Download Datasheet
52107800 Datasheet PDF - Lapp.

Part # 52107800
Download  52107800 Click to download

File Size   115.48 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® RWV-M / RWV-M O. ED

52107800 Datasheet (HTML) - Lapp.


52107800 Product details

Technical features:
Connecting thread M12x1,5 up to M40x1,5 acc. to EN 60423
Temperature range -20 °C up to +100 °C
Protection class IP55 test acc. to EN 60529
Does not apply to version SKINDICHT RWV-M O. E+D)




Similar Part No. - 52107800

ManufacturerPart #DatasheetDescription
logo
Lapp.
52107320 LAPP-52107320 Datasheet
148Kb / 2P
SKINDICHT® SVF-M
03.07.2018
More results


Similar Description - 52107800

ManufacturerPart #DatasheetDescription
logo
Lapp.
52004180 LAPP-52004180 Datasheet
197Kb / 2P
SKINDICHT® RWV / RWV O. ED
06.06.2023
52006600 LAPP-52006600 Datasheet
82Kb / 1P
SKINDICHT® BLK-M
25.11.2021
52020513 LAPP-52020513 Datasheet
116Kb / 1P
SKINDICHT® WN-M
03.07.2018
52103000 LAPP-52103000 Datasheet
113Kb / 1P
SKINDICHT® SM-M
13.10.2022
52103100 LAPP-52103100 Datasheet
121Kb / 2P
SKINDICHT® BL-M
16.08.2023
52103105 LAPP-52103105 Datasheet
110Kb / 2P
SKINDICHT® BL-M with O-Ring
16.08.2023
52104505 LAPP-52104505 Datasheet
128Kb / 2P
SKINDICHT® KU-M
09.09.2020
52107320 LAPP-52107320 Datasheet
148Kb / 2P
SKINDICHT® SVF-M
03.07.2018
52108000 LAPP-52108000 Datasheet
353Kb / 3P
SKINDICHT® SE-M
03.07.2018
52108001 LAPP-52108001 Datasheet
292Kb / 3P
SKINDICHT® SE-M without ED
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com