Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52115700 Datasheet (PDF) - Lapp.

52115700 Datasheet PDF - Lapp.
Part # 52115700
Download  52115700 Download
File Size   144.77 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® MS-XL/ MSR-XL

52115700 Datasheet (PDF)

Go To PDF Page Download Datasheet
52115700 Datasheet PDF - Lapp.

Part # 52115700
Download  52115700 Click to download

File Size   144.77 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® MS-XL/ MSR-XL

52115700 Datasheet (HTML) - Lapp.


52115700 Product details

Technical features:
Connecting thread PG7 up to PG29 acc. to DIN 40430
Protection class IP68 - 5 bar, test acc. to EN 60529
Temperature range Dynamic -25 °C up to +100 °C
Statically -40 °C up to +100 °C
Design MS-XL standard
MSR-XL with reducing sealing ring




Similar Part No. - 52115700

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
5211 CONNOR-WINFIELD-5211 Datasheet
82Kb / 2P
1.8V LVCMOS Surface Mount Crystal Clock Oscillator
logo
List of Unclassifed Man...
5211 ETC2-5211 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
logo
Keystone Electronics Co...
5211 KEYSTONE-5211 Datasheet
452Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Connor-Winfield Corpora...
5211-44.736M CONNOR-WINFIELD-5211-44.736M Datasheet
82Kb / 2P
1.8V LVCMOS Surface Mount Crystal Clock Oscillator
logo
Littelfuse
521101 LITTELFUSE-521101 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results


Similar Description - 52115700

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
XL Fuse bases for XL Style photovoltaic fuse links
logo
SparkFun Electronics
TOL-14693 SPARKFUN-TOL-14693 Datasheet
79Kb / 2P
Shapeoko XL
6??5??8
logo
Lapp.
52005590 LAPP-52005590 Datasheet
158Kb / 2P
SKINDICHT® SHZ / SHZ-XL
06.06.2023
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
53112004 LAPP-53112004 Datasheet
251Kb / 2P
SKINTOP® MS-NPT / MSR-NPT
02.12.2021
53112005 LAPP-53112005 Datasheet
293Kb / 2P
SKINTOP® MS-M-XL / MSR-M-XL
20.06.2023
53112037 LAPP-53112037 Datasheet
275Kb / 2P
SKINTOP® MS-NPT BRUSH
02.12.2021
53112210 LAPP-53112210 Datasheet
121Kb / 2P
SKINTOP® MS–SC / MS–SC-XL
03.07.2018
53112780 LAPP-53112780 Datasheet
104Kb / 2P
SKINTOP® MS-IS-M
03.07.2018
53113200 LAPP-53113200 Datasheet
135Kb / 2P
SKINTOP® GRIP-M / GRIP-XL-M
09.09.2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com