Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTK-7121 Datasheet (PDF) - Advantech Co., Ltd.

UTK-7121 Datasheet PDF - Advantech Co., Ltd.
Part # UTK-7121
Download  UTK-7121 Download
File Size   968.23 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5" Slim Tabletop Kiosk

UTK-7121 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTK-7121 Datasheet PDF - Advantech Co., Ltd.

Part # UTK-7121
Download  UTK-7121 Click to download

File Size   968.23 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5" Slim Tabletop Kiosk

UTK-7121 Datasheet (HTML) - Advantech Co., Ltd.


UTK-7121 Product details

Features
ƒ Low power consumption and fanless design
ƒ Built-in Intel® Core™ i5-8365UE processor
ƒ Built-in Intel® Pentium® N4200 processor
ƒ 21.5" monitor with 16:9 widescreen display
ƒ IP65-rated front panel for water and dust resistance
ƒ Rich I/O and diverse peripheral options
ƒ Plastic enclosure with side groove design for flexible peripheral installation
ƒ Support Windows, Android, and Linux operating systems
ƒ Floor stand tower available
ƒ Support DeviceOn/iService software for remote device management




Similar Part No. - UTK-7121

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTK-7115 ADVANTECH-UTK-7115 Datasheet
1Mb / 4P
15.6" Slim Tabletop Kiosk
26-Jan-2022
More results


Similar Description - UTK-7121

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-W211-A01D-ATE ADVANTECH-POC-W211-A01D-ATE Datasheet
634Kb / 2P
21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W212-A11D-ACE ADVANTECH-POC-W212-A11D-ACE Datasheet
538Kb / 2P
21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W212IP54 ADVANTECH-POC-W212IP54 Datasheet
649Kb / 2P
21.5' Widescreen Point-of-Care Terminal with Fanless and Slim Design
UTK-624 ADVANTECH-UTK-624 Datasheet
873Kb / 2P
23.8 Kiosk
2018/03/23
UTK-752 ADVANTECH-UTK-752 Datasheet
390Kb / 2P
21.5Slim Tabletop Kiosk
7-Oct-2020
POC-W212C ADVANTECH-POC-W212C Datasheet
484Kb / 2P
21.5 Widescreen Point-of-Care Terminal with Fanless and Slim Design
9-Dec-2016
logo
BCM Advanced Research.
HID-2132 BCM-HID-2132 Datasheet
691Kb / 2P
21.5” Slim design Multi-touch Medical Panel PC
7/31/2018
logo
Advantech Co., Ltd.
UTK-7115 ADVANTECH-UTK-7115 Datasheet
1Mb / 4P
15.6" Slim Tabletop Kiosk
26-Jan-2022
UTK-7515 ADVANTECH-UTK-7515 Datasheet
723Kb / 4P
15.6" Slim Tabletop Kiosk
27-Aug-2021
UTK-7521 ADVANTECH-UTK-7521 Datasheet
640Kb / 4P
21.5" Slim Tabletop Kiosk
27-Aug-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com