Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ20005 Datasheet (PDF) - SMC Diode Solutions Co. LTD

GBJ20005 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # GBJ20005
Download  GBJ20005 Download
File Size   341.06 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 20.0A Glass Passivated Bridge Rectifier

GBJ20005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ20005 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # GBJ20005
Download  GBJ20005 Click to download

File Size   341.06 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 20.0A Glass Passivated Bridge Rectifier

GBJ20005 Datasheet (HTML) - SMC Diode Solutions Co. LTD


GBJ20005 Product details

Features
 Glass passivated die construction
 Low forward voltage drop
 High current capability
 High surge current capability
 Plastic material-UL flammability 94V-0
 This is a Pb − Free Device
 All SMC parts are traceable to the wafer lot
 Additional testing can be offered upon request




Similar Part No. - GBJ20005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005 Datasheet
53Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Micro Commercial Compon...
GBJ20005 MCC-GBJ20005 Datasheet
88Kb / 2P
20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
TAITRON Components Inco...
GBJ20005 TAITRON-GBJ20005 Datasheet
259Kb / 4P
Single-Phase Glass Passivated Bridge Rectifier
logo
MIC GROUP RECTIFIERS
GBJ20005 MIC-GBJ20005 Datasheet
56Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - GBJ20005

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Gulf Semiconductor
GSIB2005 GULFSEMI-GSIB2005 Datasheet
142Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 20.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com