Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK7002BM Datasheet (PDF) - TECH PUBLIC Electronics co LTD

RK7002BM Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # RK7002BM
Download  RK7002BM Download
File Size   1022.95 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 60V N-Channel Mosfet

RK7002BM Datasheet (PDF)

Go To PDF Page Download Datasheet
RK7002BM Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # RK7002BM
Download  RK7002BM Click to download

File Size   1022.95 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 60V N-Channel Mosfet

RK7002BM Datasheet (HTML) - TECH PUBLIC Electronics co LTD


RK7002BM Product details

~Application
Direct logic-level interface: TTL/CMOS
Drivers: relays, solenoids, lamps, hammers display,
memories, transistors, etc.
Battery operated systems
Solid-state relays




Similar Part No. - RK7002BM

ManufacturerPart #DatasheetDescription
logo
Rohm
RK7002BM ROHM-RK7002BM Datasheet
302Kb / 6P
2.5V Drive Nch MOSFET
RK7002BMHZG ROHM-RK7002BMHZG Datasheet
2Mb / 14P
Nch 60V 250mA Small Signal MOSFET
More results


Similar Description - RK7002BM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
60V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com