Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA26405AV Datasheet (PDF) - Transko Electronics, Inc.

TA26405AV Datasheet PDF - Transko Electronics, Inc.
Part # TA26405AV
Download  TA26405AV Download
File Size   642.65 Kbytes
Page   4 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description 264.00 MHz IF SAW Filter / 5.70 MHz Bandwidth

TA26405AV Datasheet (PDF)

Go To PDF Page Download Datasheet
TA26405AV Datasheet PDF - Transko Electronics, Inc.

Part # TA26405AV
Download  TA26405AV Click to download

File Size   642.65 Kbytes
Page   4 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description 264.00 MHz IF SAW Filter / 5.70 MHz Bandwidth

TA26405AV Datasheet (HTML) - Transko Electronics, Inc.




Similar Part No. - TA26405AV

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA26415AV TRANSKO-TA26415AV Datasheet
579Kb / 4P
264.00 MHz IF SAW Filter / 15.35 MHz Bandwidth
Revision 0: 24. Aug. 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA2641A TAI-SAW-TA2641A Datasheet
456Kb / 8P
SAW Filter 782 MHz BW 10 MHz SMD 1.4 x 1.1mm
logo
Transko Electronics, In...
TA26425AV TRANSKO-TA26425AV Datasheet
677Kb / 4P
264.00 MHz IF SAW Filter / 25.93 MHz Bandwidth
Revision 0: 11. May 2010
TA26425BV TRANSKO-TA26425BV Datasheet
652Kb / 4P
264.00 MHz IF SAW Filter / 25.93 MHz Bandwidth
Revision 0: 04. Jun. 2010
logo
TAI-SAW TECHNOLOGY CO.,...
TA2642A TAI-SAW-TA2642A Datasheet
481Kb / 8P
SAW Filter 897.5 MHz (BW 35 MHz) SMD 1.4 x 1.1mm
More results


Similar Description - TA26405AV

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0374BA02518S ICST-SF0374BA02518S Datasheet
125Kb / 3P
374 MHz IF SAW Filter 17 MHz Bandwidth
Rev X2
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
809-SL115.3M-05A OSCILENT-809-SL115.3M-05A Datasheet
224Kb / 6P
115.30 MHz IF SAW Filter 6.20 MHz Bandwidth
logo
Transko Electronics, In...
TA18405AV TRANSKO-TA18405AV Datasheet
607Kb / 4P
184.00 MHz IF SAW Filter / 5.70 MHz Bandwidth
Revision 0: 19. Mar. 2008
TA26415AV TRANSKO-TA26415AV Datasheet
579Kb / 4P
264.00 MHz IF SAW Filter / 15.35 MHz Bandwidth
Revision 0: 24. Aug. 2009
TA26425AV TRANSKO-TA26425AV Datasheet
677Kb / 4P
264.00 MHz IF SAW Filter / 25.93 MHz Bandwidth
Revision 0: 11. May 2010
TA26425BV TRANSKO-TA26425BV Datasheet
652Kb / 4P
264.00 MHz IF SAW Filter / 25.93 MHz Bandwidth
Revision 0: 04. Jun. 2010
TL27305AS1 TRANSKO-TL27305AS1 Datasheet
609Kb / 4P
273.78 MHz IF SAW Filter / 5.70 MHz Bandwidth
Revision 0: 24 May 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com