Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCESD5V0D7 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPCESD5V0D7 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPCESD5V0D7
Download  TPCESD5V0D7 Download
File Size   1350.31 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Uni-directional TVS Diode

TPCESD5V0D7 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCESD5V0D7 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPCESD5V0D7
Download  TPCESD5V0D7 Click to download

File Size   1350.31 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Uni-directional TVS Diode

TPCESD5V0D7 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPCESD5V0D7 Product details

Features
150W peak pulse power (8/20pus)
Protects one data or power line
Operating voltage: 5V
Ultra low clamping voltage
Complies with following standards:
—IEC 61000-4-2 (ESD) immunity test
Air discharge: £30kV
Contact discharge: +£30kV
—IEC61000-4-5 (SURGE) 10A (8/20us)




Similar Part No. - TPCESD5V0D7

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPCESD24VD5 TECHPUBLIC-TPCESD24VD5 Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
TPCESDBLC5V0D7 TECHPUBLIC-TPCESDBLC5V0D7 Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
More results


Similar Description - TPCESD5V0D7

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Applied Power Microelec...
AU0371P6 APMICRO-AU0371P6 Datasheet
1,011Kb / 7P
1-Line Uni-directional TVS Diode
AU0771D3 APMICRO-AU0771D3 Datasheet
767Kb / 4P
1-Line Uni-directional TVS Diode
AU1501P1 APMICRO-AU1501P1 Datasheet
796Kb / 4P
1-Line Uni-directional TVS Diode
AU2401P1 APMICRO-AU2401P1 Datasheet
737Kb / 4P
1-Line Uni-directional TVS Diode
AU2471P1 APMICRO-AU2471P1 Datasheet
612Kb / 4P
1-Line Uni-directional TVS Diode
AU3601P1 APMICRO-AU3601P1 Datasheet
404Kb / 4P
1-Line Uni-directional TVS Diode
logo
Shanghai Leiditech Elec...
SD0371P6W LEIDITECH-SD0371P6W Datasheet
3Mb / 6P
1-Line Uni-directional TVS Diode
SDA3611DN LEIDITECH-SDA3611DN Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
SD2471P6W LEIDITECH-SD2471P6W Datasheet
3Mb / 3P
1-Line Uni-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com