Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN1R9-25YLC Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN1R9-25YLC Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN1R9-25YLC
Download  PSMN1R9-25YLC Download
File Size   476.04 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 25 V 2.05 mΩ logic level MOSFET in LFPAK using NextPower technology

PSMN1R9-25YLC Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN1R9-25YLC Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN1R9-25YLC
Download  PSMN1R9-25YLC Click to download

File Size   476.04 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 25 V 2.05 mΩ logic level MOSFET in LFPAK using NextPower technology

PSMN1R9-25YLC Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN1R9-25YLC Product details

1.1 General description
Logic level enhancement mode N-channel MOSFET in LFPAK package. This product is
designed and qualified for use in a wide range of industrial, communications and domestic
equipment.
1.2 Features and benefits
High reliability Power SO8 package,
qualified to 175°C
Low parasitic inductance and
resistance
Optimised for 4.5V Gate drive utilising
NextPower Superjunction technology
Ultra low QG, QGD and QOSS for high
system efficiencies at low and high
loads
1.3 Applications
DC-to-DC converters
Lithium-ion battery protection
Load switching
Power OR-ing
Server power supplies
Sync rectifier




Similar Part No. - PSMN1R9-25YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R9-25YLC PHILIPS-PSMN1R9-25YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN1R9-25YLC PHILIPS-PSMN1R9-25YLC Datasheet
1Mb / 8P
NextPower MOSFETs
May 2011
PSMN1R9-25YLC NXP-PSMN1R9-25YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
More results


Similar Description - PSMN1R9-25YLC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN0R9-25YLC NEXPERIA-PSMN0R9-25YLC Datasheet
916Kb / 15P
N-channel 25 V 0.99 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 4 July 2011
PSMN1R1-25YLC NEXPERIA-PSMN1R1-25YLC Datasheet
973Kb / 15P
N-channel 25 V 1.15 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 2 May 2011
PSMN1R2-25YLC NEXPERIA-PSMN1R2-25YLC Datasheet
930Kb / 15P
N-channel 25 V 1.3 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 2 May 2011
PSMN1R7-25YLC NEXPERIA-PSMN1R7-25YLC Datasheet
463Kb / 16P
N-channel 25 V 1.9 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN2R2-25YLC NEXPERIA-PSMN2R2-25YLC Datasheet
930Kb / 15P
N-channel 25 V 2.4 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 2 May 2011
PSMN2R9-25YLC NEXPERIA-PSMN2R9-25YLC Datasheet
943Kb / 15P
N-channel 25 V 3.15 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 2 May 2011
PSMN3R7-25YLC NEXPERIA-PSMN3R7-25YLC Datasheet
471Kb / 16P
N-channel 25 V 3.9 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN6R5-25YLC NEXPERIA-PSMN6R5-25YLC Datasheet
903Kb / 15P
N-channel 25 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
PSMN7R5-25YLC NEXPERIA-PSMN7R5-25YLC Datasheet
442Kb / 16P
N-channel 25 V 7.4 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
PSMN9R0-25YLC NEXPERIA-PSMN9R0-25YLC Datasheet
436Kb / 16P
N-channel 25 V 9.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 November 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com