Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN2R3-80SSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN2R3-80SSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN2R3-80SSF
Download  PSMN2R3-80SSF Download
File Size   329.7 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package

PSMN2R3-80SSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN2R3-80SSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN2R3-80SSF
Download  PSMN2R3-80SSF Click to download

File Size   329.7 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package

PSMN2R3-80SSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN2R3-80SSF Product details

1. General description
NextPower 80 V, standard level gate drive MOSFET. Qualified to 175 °C and recommended for
industrial and consumer applications.
2. Features and benefits
• Low Qrr for higher efficiency and lower spiking
• 240 Amps ID(max) continuous current rating
• Low QG × RDSon FOM for high efficiency switching applications
• Strong avalanche energy rating (Eas)
• Avalanche rated and 100% tested
• Ha-free and RoHS compliant LFPAK88 package
3. Applications
• Synchronous rectifier in AC-DC and DC-DC
• Primary side switch in DC-DC
• BLDC motor control
• Full-bridge and half-bridge applications
• Battery protection




Similar Part No. - PSMN2R3-80SSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R3-100SSE NEXPERIA-PSMN2R3-100SSE Datasheet
339Kb / 13P
N-channel 100 V, 2.3 mOhm MOSFET with enhanced SOA in LFPAK88
6 February 2023
PSMN2R3-100SSE NEXPERIA-PSMN2R3-100SSE Datasheet
339Kb / 13P
N-channel 100 V, 2.3 mOhm MOSFET with enhanced SOA in LFPAK88
16 December 2022
PSMN2R3-100SSEJ NEXPERIA-PSMN2R3-100SSEJ Datasheet
339Kb / 13P
N-channel 100 V, 2.3 mOhm MOSFET with enhanced SOA in LFPAK88
16 December 2022
PSMN2R3-100SSE NEXPERIA-PSMN2R3-100SSE_V01 Datasheet
339Kb / 13P
N-channel 100 V, 2.3 mOhm MOSFET with enhanced SOA in LFPAK88
16 December 2022
PSMN2R3-100SSJ NEXPERIA-PSMN2R3-100SSJ Datasheet
303Kb / 10P
N-channel 100 V, 2.3 mOhm ASFET with enhanced dynamic current sharing in LFPAK88
24 October 2024
More results


Similar Description - PSMN2R3-80SSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R5-80YSF NEXPERIA-PSMN3R5-80YSF Datasheet
313Kb / 13P
NextPower 80 V, 3.5 mOhm, 150 A, N-channel MOSFET in LFPAK56E package
3 September 2021
PSMN1R3-80SSF NEXPERIA-PSMN1R3-80SSF Datasheet
255Kb / 9P
NextPower 80 V, 1.3 mOhm, 325 Amp, N-channel MOSFET in LFPAK88 package
21 June 2023
PSMN1R8-80SSF NEXPERIA-PSMN1R8-80SSF Datasheet
329Kb / 13P
NextPower 80 V, 1.8 mOhm, 270 Amp, N-channel MOSFET in LFPAK88 package
16 December 2022
PSMN2R0-100SSF NEXPERIA-PSMN2R0-100SSF Datasheet
335Kb / 13P
NextPower 100 V, 2.07 mOhm, 267 Amp, N-channel MOSFET in LFPAK88 package
16 December 2022
PSMN2R3-100SSE NEXPERIA-PSMN2R3-100SSE Datasheet
339Kb / 13P
N-channel 100 V, 2.3 mOhm MOSFET with enhanced SOA in LFPAK88
6 February 2023
PSMN2R6-100SSF NEXPERIA-PSMN2R6-100SSF Datasheet
330Kb / 13P
NextPower 100 V, 2.6 mΩ, 200 Amp, N-channel MOSFET in LFPAK88 package
17 August 2022
PSMN2R6-80YSF NEXPERIA-PSMN2R6-80YSF Datasheet
234Kb / 9P
NextPower 80 V, 2.7 mOhm, 218 A, N-channel MOSFET in LFPAK56E package
27 April 2023
PSMN2R8-80SSF NEXPERIA-PSMN2R8-80SSF Datasheet
251Kb / 9P
NextPower 80 V, 2.8 mOhm, 190 Amp, N-channel MOSFET in LFPAK88 package
23 June 2022
PSMN3R3-80YSF NEXPERIA-PSMN3R3-80YSF Datasheet
326Kb / 13P
NextPower 80 V, 3.1 mOhm, 160 A, N-channel MOSFET in LFPAK56 package
1 August 2023
PSMN4R5-80YSF NEXPERIA-PSMN4R5-80YSF Datasheet
332Kb / 14P
NextPower 80 V, 4.5 mOhm N-channel MOSFET in LFPAK56
13 March 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com