Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT2070TGQW Datasheet (PDF) - Richtek Technology Corporation

RT2070TGQW Datasheet PDF - Richtek Technology Corporation
Part # RT2070TGQW
Download  RT2070TGQW Download
File Size   3527.24 Kbytes
Page   40 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3 Channel DC-DC Converters LDO LSW PMIC with I2C Interface for Industrial and Automotive Application

RT2070TGQW Datasheet (PDF)

Go To PDF Page Download Datasheet
RT2070TGQW Datasheet PDF - Richtek Technology Corporation

Part # RT2070TGQW
Download  RT2070TGQW Click to download

File Size   3527.24 Kbytes
Page   40 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3 Channel DC-DC Converters LDO LSW PMIC with I2C Interface for Industrial and Automotive Application

RT2070TGQW Datasheet (HTML) - Richtek Technology Corporation


RT2070TGQW Product details

General Description
The RT2070T is a highly-integrated low-power highperformance
analog SOC with PMIC (Power Management
IC) in one single chip designed for Industrial/Automotive
applications.
The RT2070T PMIC includes one high voltage synchronous
step-down DC-DC converter, two low voltage synchronous
step-down DC-DC converters, one low dropout LDO and
one load switch with soft-start control and current limit.
All MOSFETs are integrated, and compensation networks
are built-in.
The RT2070T also uses I2C interface to set timing of power
on/off, sequence and discharge function, and includes
power good indicator (PGOOD).
The RT2070T is an Automotive-Grade Product that is
AEC-Q100 Grade 1 Qualified and provides fault condition
protections, including over-current protection, undervoltage
lockout, over-voltage protection and overtemperature
protection.

Applications
l Industrial/Automotive Camera Module
l Car Infotainment

Features
l Input Voltage Operating Range is 4.5V to 15V
l CH1 HV-Step-Down Regulator : VIN Range is 4.5V
to 15V
} Support Up to 2A Loading With Up to 90%
Efficiency
} Switching Frequency is 2MHz
l CH2/3 LV Step-Down Regulator : VIN Range is 2.7V
to 5.5V
} Support Up to 1A Loading, With Up to 90%
Efficiency
} Switching Frequency is 2MHz
l Linear Regulator : VIN Range is 2.7V to 5.5V
} Max Loading 0.5A
l Load Switch (LSW) : VIN Range is 2.7V to 5.5V
} Max Loading 0.5A
l Sequence Can be Controlled by Setting the
Resistances of the SEQ Pin
l AEC-Q100 Grade 1 Qualified




Similar Part No. - RT2070TGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT207KGQWAA RICHTEK-RT207KGQWAA Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
RT207KGQWBB RICHTEK-RT207KGQWBB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
RT207KGQWX RICHTEK-RT207KGQWX Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
More results


Similar Description - RT2070TGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9396 RICHTEK-RT9396 Datasheet
376Kb / 17P
I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
RT5028C RICHTEK-RT5028C Datasheet
495Kb / 40P
PMIC for Industrial Application
logo
Infineon Technologies A...
IKW20N60TA INFINEON-IKW20N60TA Datasheet
606Kb / 13P
Designed for DC/AC converters for Automotive Application
Rev. 2.2 27.08.2013
IKW30N60TA INFINEON-IKW30N60TA Datasheet
671Kb / 14P
Designed for DC/AC converters for Automotive Application
Rev. 2.3 17.09.2014
IKW50N60TA INFINEON-IKW50N60TA Datasheet
951Kb / 14P
Designed for DC/AC converters for Automotive Application
Rev. 2.3 17.09.2014
IKW75N60TA INFINEON-IKW75N60TA Datasheet
1,003Kb / 13P
Designed for DC/AC converters for Automotive Application
Rev. 2.3 14.07.2014
logo
Texas Instruments
TPS65720 TI1-TPS65720_16 Datasheet
2Mb / 66P
Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
logo
Cypress Semiconductor
MB39C031 CYPRESS-MB39C031 Datasheet
1Mb / 69P
2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
logo
uPI Group Inc.
UP1901 UPI-UP1901 Datasheet
1Mb / 20P
High Accuracy Power Meter I2C Interface for DC/DC Converters
logo
Texas Instruments
TPS6521815 TI1-TPS6521815 Datasheet
1Mb / 107P
TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com