Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3635BE Datasheet (PDF) - Richtek Technology Corporation

RT3635BE Datasheet PDF - Richtek Technology Corporation
Part # RT3635BE
Download  RT3635BE Download
File Size   5320.06 Kbytes
Page   111 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Triple Channel PWM Controller with I2C Interface Control for IMVP9.2 CPU Core Power Supply

RT3635BE Datasheet (PDF)

Go To PDF Page Download Datasheet
RT3635BE Datasheet PDF - Richtek Technology Corporation

Part # RT3635BE
Download  RT3635BE Click to download

File Size   5320.06 Kbytes
Page   111 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Triple Channel PWM Controller with I2C Interface Control for IMVP9.2 CPU Core Power Supply

RT3635BE Datasheet (HTML) - Richtek Technology Corporation


RT3635BE Product details

General Description
The RT3635BE is an IMVP9.2 compliant CPU power controller which includes three voltage rails: a 5-phase synchronous buck controller for VCCCORE VR, a 2-phase synchronous buck controller for VCCGT VR, and a 1-phase synchronous buck controller for VCCSA VR. The output of each rail can be configured to support the desired phase assignments up to a maximum phase count of 5 phases for VCCCORE, 2 phases for VCCGT and 1 phase for VCCSA. For example, the RT3635BE supports output operations of 5+2+1, 4+2+1, 3+2+1, etc. The RT3635BE adopts the Smart Phase Management (SPM) feature, to achieve maximum efficiency in all load range. Thresholds for automatic phase add/drop are user-programmable using I2C protocol interface. The RT3635BE adopts G-NAVPTM (Green Native AVP), which is Richtek's proprietary topology derived from finite DC gain of EA amplifier with current mode control, making it easy to set the droop to meet all Intel CPU requirements of AVP (Adaptive Voltage Positioning). Based on the G-NAVPTM topology, the RT3635BE features a new generation of quick response mechanism (Adaptive Quick Response, AQR) to optimize AVP performance during load transient and reduce output capacitors. The RT3635BE supports mode transition function with various operating states. A serial VID (SVID) interface is built in to communicate with Intel IMVP9.2 compliant CPU. The RT3635BE offers built-in non-volatile memory (NVM) for platform setting functions, such as ICCMAX, switching frequency or AQR trigger level. The RT3635BE provides VR ready output signals. It also features complete fault protection functions including overvoltage (OV), overcurrent (OC), undervoltage (UV) and undervoltage lockout (UVLO). The RT3635BE is available in the WQFN-60L 7x7 footprint package.

Features
 Intel IMVP9.2 Compliant
 5/4/3/2/1/0 Phase (VCCCORE VR) + 2/1/0 Phase(VCCGT VR) + 1/0 Phase (VCCSA VR) PWMController
 Support Multi-Source Dr.MOS
 Support Phase Doubler RT9637 for CORE Rail Upto 10-Phase Operation
 Support Application of SPS with Current Sensingby Either Current Type or Voltage Type
 Easy-Set G-NAVPTM (Green Native AdaptiveVoltage Positioning) Control
 0.5% DAC Accuracy
 Differential Remote Voltage Sensing
 Internal Non-Volatile Memory (NVM) to StoreCustom Configuration
 Accurate Current Balance
 Diode Emulation Mode at Light Load Condition
 Fast Transient Response-Adaptive QuickResponse (AQR)
 VR Ready Indicator
 Current Monitor Output
 Protection Flag for OVP, OCP, UVP
 Support Fast V-Mode (FVM)
 Switching Frequency Setting
 Slew Rate Setting
 DVID Enhancement
 Audio Noise Suppress Function
 Zero Load-Line
 Standard I2C Protocol Interface
Smart Phase Management (SPM) Adjustment
Thermal Balance Adjustment

Applications
 IMVP9.2 Intel Core Supply
 Notebook/Desktop Computer
 AVP Step-Down Converter




Similar Part No. - RT3635BE

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RT360 AMPHENOL-RT360 Datasheet
4Mb / 18P
industrial circular connectors are multiway connector available in 6 shell sizes
logo
Richtek Technology Corp...
RT3601EA RICHTEK-RT3601EA Datasheet
660Kb / 40P
Signal Phase PWM Controller
RT3601EAGQW RICHTEK-RT3601EAGQW Datasheet
660Kb / 40P
Signal Phase PWM Controller
RT3602AE RICHTEK-RT3602AE Datasheet
836Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
August 2017
RT3602AJ RICHTEK-RT3602AJ Datasheet
818Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
February 2018
More results


Similar Description - RT3635BE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8801 RICHTEK-RT8801 Datasheet
474Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3602AE RICHTEK-RT3602AE Datasheet
836Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
August 2017
RT3624LE RICHTEK-RT3624LE Datasheet
1Mb / 48P
Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
April 2022
RT3678BE RICHTEK-RT3678BE Datasheet
2Mb / 93P
Dual Channel PWM Controller with I2C Interface Control for AMD SVI3 CPU/GPU Core Power Supply
March 2023
RT3602AJ RICHTEK-RT3602AJ Datasheet
818Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
February 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com