Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1326A Datasheet (PDF) - Belden Inc.

1326A Datasheet PDF - Belden Inc.
Part # 1326A
Download  1326A Download
File Size   202.57 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP

1326A Datasheet (PDF)

Go To PDF Page Download Datasheet
1326A Datasheet PDF - Belden Inc.

Part # 1326A
Download  1326A Click to download

File Size   202.57 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP

1326A Datasheet (HTML) - Belden Inc.


1326A Product details

Product Description
Security & Commercial Audio Cable, 3 Pair 22 AWG stranded bare copper pairs with Flamarrest® insulation, individually Beldfoil® shields, Plenum-CMP,
Flamarrest® jacket




Similar Part No. - 1326A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1326A ETC2-1326A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, F-R PVC insulation
1326A0091000 ETC2-1326A0091000 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, F-R PVC insulation
1326A009500 ETC2-1326A009500 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, F-R PVC insulation
1326AD151000 ETC2-1326AD151000 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, F-R PVC insulation
1326AD15500 ETC2-1326AD15500 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, F-R PVC insulation
More results


Similar Description - 1326A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6342PC BELDEN-6342PC Datasheet
175Kb / 2P
Security & Sound, 3 Pair 18 AWG, BC, Individually Shielded, CMP
12-20-2022
6343PC BELDEN-6343PC Datasheet
183Kb / 2P
Security & Sound, 4 Pair 18 AWG BC, Individually Shielded, Plenum
12-20-2022
6542PA BELDEN-6542PA Datasheet
172Kb / 2P
Security & Sound, 3 Pair 22 AWG, BC, CMP
12-20-2022
6545PA BELDEN-6545PA Datasheet
180Kb / 2P
Security & Sound, 6 Pair 22 AWG, BC, CMP
12-20-2022
6546PA BELDEN-6546PA Datasheet
180Kb / 2P
Security & Sound, 8 Pair 22 AWG, BC, CMP
12-20-2022
6549PA BELDEN-6549PA Datasheet
180Kb / 2P
Security & Sound, 16 Pair 22 AWG, BC, CMP
12-20-2022
6341PC BELDEN-6341PC Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
04-28-2023
6543PA BELDEN-6543PA Datasheet
180Kb / 2P
Security & Sound, 4 Pair 22 AWG, BC, CMP
12-20-2022
6345PC BELDEN-6345PC Datasheet
183Kb / 2P
Security & Sound, 6 Pair 18 AWG BC, Individually Shielded, Plenum
12-20-2022
6548PA BELDEN-6548PA Datasheet
180Kb / 2P
Security & Sound, 12 Pair 22 AWG, BC, CMP
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com