Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6217AHGJ8F Datasheet (PDF) - Richtek Technology Corporation

RT6217AHGJ8F Datasheet PDF - Richtek Technology Corporation
Part # RT6217AHGJ8F
Download  RT6217AHGJ8F Download
File Size   419.33 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 24V, 3A, 500kHz, ACOTTM Step-Down Converter in 8 Pin TSOT-23

RT6217AHGJ8F Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6217AHGJ8F Datasheet PDF - Richtek Technology Corporation

Part # RT6217AHGJ8F
Download  RT6217AHGJ8F Click to download

File Size   419.33 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 24V, 3A, 500kHz, ACOTTM Step-Down Converter in 8 Pin TSOT-23

RT6217AHGJ8F Datasheet (HTML) - Richtek Technology Corporation


RT6217AHGJ8F Product details

Features
 3A Converter With Built-in 85mΩ/40mΩ Low RDS(ON)
Power FETs
 Input Supply Voltage Range : 4.5V to 24V
 Output Voltage Range : 0.791V to 6V
 Advanced Constant On-Time (ACOTTM) Control
 Ultrafast Transient Response
 No Needs For External Compensations
 Optimized for Low-ESR Ceramic Output Capacitors
 0.791V ±1.5% High-Accuracy Feedback Reference
Voltage
 Low Quiescent Current (150μA typ.)
 Both HS/LS FETs Protection for Robust Over-Current
Protection
 Optional for Operation Modes :
 Power Saving Mode (PSM) at Light Load (RT6217A)
 Forced PWM Mode (RT6217B)
 Light-load VOUT Ripple Reduction Technology in
PSM
 Fixed Switching Frequency : 500kHz
 Externally Adjustable Soft-Start
 Monotonic Start-up for Pre-biased Output
 Input Under-Voltage Lockout (UVLO)
 Output Under-Voltage Protection (UVP) with Hiccup
Mode
 Power Good Indication
 Enable Control
 Available In TSOT-23-8 (FC) Package

General Description
The RT6217A/B is a simple, easy-to-use, 3A synchronous
step-down DC-DC converter with an input supply voltage
range of 4.5V to 24V. The device build-in an accurate
0.791V reference voltage and integrates low RDS(ON) power
MOSFETs to achieve high efficiency in a TSOT-23-8 (FC)
package.
The RT6217A/B adopts Advanced Constant On-Time
ACOTTM) control architecture to provide an ultrafast
transient response with few external components and to
operate in nearly constant switching frequency over the
line, load, and output voltage range. The RT6217A operates
in automatic PSM that maintains high efficiency during
light load operation. The RT6217B operates in Forced
PWM that helps meet tight voltage regulation accuracy
requirements.
The RT6217A/B senses both FETs current for a robust
over-current protection. It features cycle-by-cycle current
limit protection and prevent the device from the catastrophic
damage in output short circuit, over current or inductor
saturation. An externally adjustable soft-start function
prevents inrush current during start-up. The device also
includes input under-voltage lockout, output under-voltage
protection, and over-temperature protection (thermal
shutdown) to provide safe and smooth operation in all
operating conditions. The RT6217A/B is offered in a TSOT-
23-8(FC) package.




Similar Part No. - RT6217AHGJ8F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
Step-Down Converter
RT6212AHGJ6F RICHTEK-RT6212AHGJ6F Datasheet
1Mb / 18P
Step-Down Converter
RT6212AHRGJ6F RICHTEK-RT6212AHRGJ6F Datasheet
1Mb / 18P
Step-Down Converter
RT6212B RICHTEK-RT6212B Datasheet
1Mb / 18P
Step-Down Converter
RT6212BHGJ6F RICHTEK-RT6212BHGJ6F Datasheet
1Mb / 18P
Step-Down Converter
More results


Similar Description - RT6217AHGJ8F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8299 RICHTEK-RT8299 Datasheet
287Kb / 15P
3A, 24V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1470 MPS-MP1470 Datasheet
459Kb / 16P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
logo
Richtek Technology Corp...
DS6257A RICHTEK-DS6257A Datasheet
272Kb / 15P
6A, 18V, 500kHz, ACOTTM Step-Down Converter
logo
Monolithic Power System...
MP1471 MPS-MP1471 Datasheet
491Kb / 17P
High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1471A MPS-MP1471A Datasheet
1Mb / 17P
High-Efficiency, 3A 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP2325 MPS-MP2325 Datasheet
1Mb / 17P
High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MPQ2315 MPS-MPQ2315 Datasheet
780Kb / 21P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MP2315S MPS-MP2315S Datasheet
649Kb / 16P
3A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
12/21/2015 Rev. 1.0
logo
Richtek Technology Corp...
RT6213A RICHTEK-RT6213A Datasheet
1Mb / 20P
3A Peak, 18V, 500kHz, ACOTTM Step-Down Converter
January 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com