Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7882GQW Datasheet (PDF) - Richtek Technology Corporation

RT7882GQW Datasheet PDF - Richtek Technology Corporation
Part # RT7882GQW
Download  RT7882GQW Download
File Size   925.14 Kbytes
Page   31 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description USB Type-C PD and PWM Buck-Boost Controller with AnyPowerTM and PD Safe Features

RT7882GQW Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7882GQW Datasheet PDF - Richtek Technology Corporation

Part # RT7882GQW
Download  RT7882GQW Click to download

File Size   925.14 Kbytes
Page   31 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description USB Type-C PD and PWM Buck-Boost Controller with AnyPowerTM and PD Safe Features

RT7882GQW Datasheet (HTML) - Richtek Technology Corporation


RT7882GQW Product details

General Description
The RT7882 is a USB Type-C Power Delivery (USBC
PD) and PWM buck-boost controller with highly
integrated functions and flexibility for USB PD provider
applications. The IC has an embedded ARM CortexTMM0
MCU, which handles various functions of
communication protocol, smart control of the PWM
converter, firmware-based protections, and customized
functions. The IC features hardware-based protections,
such as inductor peak current limit, VBUS overvoltage
protection (VBUS OVP), VIN undervoltage protection
(VIN UVP), VIN overvoltage protection (VIN OVP), VO
undervoltage protection (VO UVP), and VCONN
current-limit protection, so that the protections have
faster responses and can still function even when the
MCU is not activated. The RT7882 can offer an
excellent USB PD solution for a USB-PD Provider
application with few external components and simple
PCB layout.

Features
⚫ Support USB Type-C Power Delivery (PD)
Provider
⚫ Type-C, USB PD and Communication Protocols
 Compliant with USB PD 3.1 Specification, USB
Type-C Cable and Connector Specification 2.1
 VCONN Output 100mW
 Support Other Proprietary Communication
Protocols through Internal MCU, DP and DM
Pins
⚫ Integrated PWM Buck-Boost Controller
 Wide Input Voltage Range: 4.5V to 30V
 Wide Output Voltage Range: 3.3V to 21V
 Peak-Current Mode PWM Operation
 Internal Compensation for CV, CC
 Programmable PWM Switching Frequency
(200kHz to 600kHz)
 Pulse-Skipping Mode for Light-Load
Efficiency; Selectable Forced CCM Operation
⚫ AnyPowerTM for Constant Voltage Output and
Constant Current Output
⚫ PD Safe®
 Adjustable Converter Input Overcurrent Limit
(INOC)
 Fast Response VIN OVP/UVP Detection
 Programmable VBUS OVP and VO UVP
 Fast Response OVP for CC1/2 and D+/D-
 Adjustable External OTP/Internal OTP
 CC1/2 Output Current Limit
 CC1/2, D+/D- 25V Tolerant
⚫ Cable Voltage Drop Compensation for VBUS
⚫ Switching Frequency Synchronization for Better
EMI
⚫ Adjustable Gate Drive Current for Better EMI
⚫ Firmware-based Functions
 VIN De-Rating and Power Sharing
⚫ Master and Slave I2C Interfaces, LED Drivers,
GPIOs
⚫ Built-in Output Bleeders for Quick VBUS
Discharge




Similar Part No. - RT7882GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7880B RICHTEK-RT7880B Datasheet
48Kb / 1P
USB Type-C PD and PWM Buck Controller with AnyPowerTM and PDsafeTM Features
RT7880BGQW RICHTEK-RT7880BGQW Datasheet
48Kb / 1P
USB Type-C PD and PWM Buck Controller with AnyPowerTM and PDsafeTM Features
More results


Similar Description - RT7882GQW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
USB Type-C and USB PD Controller and Power Switch
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
Richtek Technology Corp...
RT7800B RICHTEK-RT7800B Datasheet
322Kb / 25P
AnyPowerTM and PDsafeTM USB Type-C PD Controller
RT7880B RICHTEK-RT7880B Datasheet
48Kb / 1P
USB Type-C PD and PWM Buck Controller with AnyPowerTM and PDsafeTM Features
logo
Texas Instruments
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
logo
Richtek Technology Corp...
RTQ7880A-QT RICHTEK-RTQ7880A-QT Datasheet
340Kb / 25P
USB Type-C PD and PWM Buck-Boost Controller with AnyPowerTM and PD Safe® Features
September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com