Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8125HGQW Datasheet (PDF) - Richtek Technology Corporation

RT8125HGQW Datasheet PDF - Richtek Technology Corporation
Part # RT8125HGQW
Download  RT8125HGQW Download
File Size   300.45 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Single Synchronous Buck PWM Controller

RT8125HGQW Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8125HGQW Datasheet PDF - Richtek Technology Corporation

Part # RT8125HGQW
Download  RT8125HGQW Click to download

File Size   300.45 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Single Synchronous Buck PWM Controller

RT8125HGQW Datasheet (HTML) - Richtek Technology Corporation


RT8125HGQW Product details

General Description
The RT8125H PWM controller provides high efficiency,
excellent transient response, and high DC output accuracy
needed for CPU core, I/O, and chipset RAM supplies in
notebook computers.
Richtek Mach ResponseTM technology is specifically
designed for providing 100ns “instant-on” response to
load transients while maintaining a relatively constant
switching frequency.
The RT8125H achieves high efficiency at a reduced cost
by eliminating the current sense resistor found in
traditional current mode PWMs. Efficiency is further
enhanced by its ability to drive very large synchronous
rectifier MOSFETs. The Buck conversion allows this device
to directly step down high voltage batteries at the highest
possible efficiency. The RT8125H provides an 1% high
accuracy 0.8V reference voltage with minimum 1mA
source/sink current for high accuracy output application.

Features
 Richtek Mach ResponseTM Technology
 1% High Accuracy 0.8V Reference
 VCC Input Range : 4.5V to 13.2V
 VOUT Operating Range : 0.3V to 3.3V
 Power Stage Input Range : 1.5V to 24V
 Fixed Operating Frequency : 300kHz
 VIN Detection
 LG_OCSET for Current Limit
 PGOOD Indicator
 Embedded Bootstrap Switch
 High Side Gate Driver Pull Low Resistor (10kΩ)
 Current Limit with Low Side Current Sense Scheme
 Enable Function with Mode Selection
 OVP/UVP/OTP/Pre-OVP/Current Limit
 Shutdown Current <100μA
 RoHS Compliant and Halogen Free

Applications
 Generic DC-DC Power Regulator
 Mother Boards and Desktop Servers




Similar Part No. - RT8125HGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120 Datasheet
34Kb / 2P
Richtek Technology Corporation
RT8120 RICHTEK-RT8120 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
RT8120A RICHTEK-RT8120A Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
RT8120A RICHTEK-RT8120A Datasheet
34Kb / 2P
Richtek Technology Corporation
RT8120B RICHTEK-RT8120B Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
More results


Similar Description - RT8125HGQW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
Single Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
High Efficiency Synchronous Buck PWM Controller
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com