Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP10A1500 Datasheet (PDF) - Vishay Siliconix

MP10A1500 Datasheet PDF - Vishay Siliconix
Part # MP10A1500
Download  MP10A1500 Download
File Size   81.71 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Rheostats

MP10A1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP10A1500 Datasheet PDF - Vishay Siliconix

Part # MP10A1500
Download  MP10A1500 Click to download

File Size   81.71 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Rheostats

MP10A1500 Datasheet (HTML) - Vishay Siliconix


MP10A1500 Product details

FEATURES
• Diameter 1 9/16" [39.69mm]
• Depth behind panel 1 3/8" [34.92mm]
• Shaft 1/4" [6.35mm] diameter
• Rotation 300° ± 5°
• Weight 0.180 pounds (82 grams)
• Mounts on panels up to 1/4" [6.35mm] by means of a 3/8" [9.52mm], 32 bushing and hex nut
• Non-turn lugs require 3/16" [4.76mm] hole, 1/2" [12.70mm] below center of shaft - Model "A" shaft
• U. L. Recognized, File No. E51076




Similar Part No. - MP10A1500

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP10 CHENG-YI-MP10 Datasheet
156Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP10 CHENG-YI-MP10 Datasheet
154Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
CTS Corporation
MP100 CTS-MP100 Datasheet
133Kb / 5P
Quartz Crystal
logo
Monolithic Power System...
MP100 MPS-MP100 Datasheet
443Kb / 16P
Offline Inductor-less Regulator For Low Power Applications
logo
Won-Top Electronics
MP1000 WTE-MP1000 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
More results


Similar Description - MP10A1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MP25 VISHAY-MP25 Datasheet
59Kb / 1P
Power Rheostats
25-Aug-00
MP06 VISHAY-MP06 Datasheet
67Kb / 2P
Power Rheostats
25-Aug-00
MP30 VISHAY-MP30 Datasheet
83Kb / 2P
Power Rheostats 150 Watt
25-Aug-00
logo
Molex Electronics Ltd.
45714-0001 MOLEX-45714-0001 Datasheet
205Kb / 2P
Power Edge??Power Connector
logo
Ohmite Mfg. Co.
RCLR50E OHMITE-RCLR50E Datasheet
231Kb / 2P
Rheostats
logo
Siemens Semiconductor G...
6EP1332-1SH52 SIEMENS-6EP1332-1SH52 Datasheet
3Mb / 44P
Power supply LOGO!Power
logo
Ohmite Mfg. Co.
RHS1K0E OHMITE-RHS1K0E Datasheet
233Kb / 2P
Rheostats (Potentiometers) Wirewound
logo
Microsemi Corporation
APT5014BLLG MICROSEMI-APT5014BLLG Datasheet
2Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
APT30M70BVFRG MICROSEMI-APT30M70BVFRG Datasheet
9Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
logo
Shenzhen Huazhimei Semi...
HM6N90 HMSEMI-HM6N90 Datasheet
479Kb / 9P
ATX Power, LED Power
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com