Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9394GQW Datasheet (PDF) - Richtek Technology Corporation

RT9394GQW Datasheet PDF - Richtek Technology Corporation
Part # RT9394GQW
Download  RT9394GQW Download
File Size   210.36 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Tiny Package, High Performance, Regulated Charge Pump

RT9394GQW Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9394GQW Datasheet PDF - Richtek Technology Corporation

Part # RT9394GQW
Download  RT9394GQW Click to download

File Size   210.36 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Tiny Package, High Performance, Regulated Charge Pump

RT9394GQW Datasheet (HTML) - Richtek Technology Corporation


RT9394GQW Product details

General Description
The RT9394 is a high performance charge pump DC-DC
converter that produces a regulated 5V output. No external
inductor is required for operation. The operating voltage
range is 2.8V to VOUT. Internal soft-start circuitry effectively
reduces the in-rush current both while start-up and mode
change.
The RT9394 features very low quiescent current, overcurrent
protection and short circuit protection.
The RT9394 is available in WDFN-6SL 2x2 package.

Features
 Input Voltage Range : 2.8V to VOUT
 Internal Soft-Start Function
 5V Fixed Output Voltage
 Over-Current Protection Function
 Short Circuit Protection Function
 RoHS Compliant and 100% Lead (Pb)-Free

Applications
 Mobile Phone, Smart Phone LED Backlight
 Camera Flash White LED
 LCD Display Supply




Similar Part No. - RT9394GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9396 RICHTEK-RT9396 Datasheet
376Kb / 17P
I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
RT9396GQW RICHTEK-RT9396GQW Datasheet
376Kb / 17P
I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
More results


Similar Description - RT9394GQW

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
MicroPower??Regulated Charge Pump
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
MicroPower??Regulated Charge Pump
3111.2006.06.1.3
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
100mA Regulated Charge Pump
logo
Richtek Technology Corp...
RT9361A RICHTEK-RT9361A Datasheet
282Kb / 12P
Tiny Package, High Performance, Regulated Charge Pump
logo
Monolithic Power System...
MP9361 MPS-MP9361 Datasheet
335Kb / 6P
High Performance Regulated Charge Pump
MP9218 MPS-MP9218 Datasheet
345Kb / 8P
High Performance Regulated Charge Pump
MPQ9361 MPS-MPQ9361 Datasheet
386Kb / 8P
Industrial Grade, High Performance Regulated Charge Pump
EV9361DJ-00A MPS-EV9361DJ-00A Datasheet
159Kb / 4P
High Performance Regulated Charge Pump Evaluation Board
logo
Lowpower Semiconductor ...
LP3120 POWER-LP3120 Datasheet
255Kb / 5P
High Performance Regulated Charge Pump
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com