| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN3R3-80BS
|
227Kb / 14P |
N-channel 80 V, 3.5 m standard level MOSFET in D2PAK
Rev. 2-29 February 2012 |
|
PSMN3R3-80BS
|
227Kb / 14P |
N-channel 80 V, 3.5 m standard level MOSFET in D2PAK
Rev. 2-29 February 2012 |
 Nexperia B.V. All right... |
PSMN2R8-80BS
|
979Kb / 14P |
N-channel 80 V, 3 mΩ standard level FET in D2PAK
Rev. 2 - 29 February 2012 |
|
PSMN3R5-80ES
|
823Kb / 15P |
N-channel 80 V, 3.5 mΩ standard level MOSFET in I2PAK
Rev. 02 - 19 April 2011 |
|
PSMN3R7-100BSE
|
291Kb / 12P |
N-channel 100 V, 3.95 mΩ, standard level MOSFET in D2PAK
3 September 2018 |
|
PSMN4R5-40BS
|
817Kb / 15P |
N-channel 40 V 4.5 mΩ standard level MOSFET in D2PAK
Rev. 1 - 22 March 2012 |
|
PSMN4R6-60BS
|
813Kb / 15P |
N-channel 60 V, 4.4 mΩ standard level MOSFET in D2PAK
Rev. 1 - 22 March 2012 |
|
PSMN5R0-80BS
|
818Kb / 15P |
N-channel 80 V, 5.1 mΩ standard level MOSFET in D2PAK
Rev. 1 - 20 March 2012 |
|
PSMN9R5-100BS
|
975Kb / 14P |
N-channel 100 V 9.6 mΩ standard level MOSFET in D2PAK
Rev. 2 - 2 March 2012 |
|
PSMN017-80BS
|
805Kb / 14P |
N-channel 80 V 17 mΩ standard level MOSFET in D2PAK
Rev. 2 - 1 March 2012 |