Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD44164184B Datasheet (PDF) - Renesas Technology Corp

UPD44164184B Datasheet PDF - Renesas Technology Corp
Part # UPD44164184B
Download  UPD44164184B Download
File Size   499.47 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18M-BIT DDR II SRAM 4-WORD BURST OPERATION

UPD44164184B Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD44164184B Datasheet PDF - Renesas Technology Corp

Part # UPD44164184B
Download  UPD44164184B Click to download

File Size   499.47 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18M-BIT DDR II SRAM 4-WORD BURST OPERATION

UPD44164184B Datasheet (HTML) - Renesas Technology Corp


UPD44164184B Product details

Features
• 1.8 ± 0.1 V power supply
• 165-pin PLASTIC BGA (13 x 15)
• HSTL interface
• PLL circuitry for wide output data valid window and future frequency scaling
• Pipelined double data rate operation
• Common data input/output bus
• Two-tick burst for low DDR transaction size
• Two input clocks (K and K#) for precise DDR timing at clock rising edges only
• Two output clocks (C and C#) for precise flight time
and clock skew matching-clock and data delivered together to receiving device
• Internally self-timed write control
• Clock-stop capability. Normal operation is restored in 20 μs after clock is resumed.
• User programmable impedance output (35 to 70 Ω)
• Fast clock cycle time : 3.3 ns (300 MHz), 3.5 ns (287 MHz), 4.0 ns (250 MHz), 5.0 ns (200 MHz)
• Simple control logic for easy depth expansion
• JTAG 1149.1 compatible test access port




Similar Part No. - UPD44164184B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44164184AF5-E33-EQ2-A RENESAS-UPD44164184AF5-E33-EQ2-A Datasheet
585Kb / 42P
MOS INTEGRATED CIRCUIT
2009
UPD44164184AF5-E40-EQ2-A RENESAS-UPD44164184AF5-E40-EQ2-A Datasheet
585Kb / 42P
MOS INTEGRATED CIRCUIT
2009
UPD44164184AF5-E50-EQ2-A RENESAS-UPD44164184AF5-E50-EQ2-A Datasheet
585Kb / 42P
MOS INTEGRATED CIRCUIT
2009
logo
NEC
UPD44164184F5-E40-EQ1 NEC-UPD44164184F5-E40-EQ1 Datasheet
394Kb / 32P
18M-BIT DDRII SRAM 4-WORD BURST OPERATION
UPD44164184F5-E50-EQ1 NEC-UPD44164184F5-E50-EQ1 Datasheet
394Kb / 32P
18M-BIT DDRII SRAM 4-WORD BURST OPERATION
More results


Similar Description - UPD44164184B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD46184182B RENESAS-PD46184182B Datasheet
611Kb / 34P
18M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46184184B RENESAS-PD46184184B Datasheet
569Kb / 32P
18M-BIT DDR II SRAM 4-WORD BURST OPERATION
PD46185084B RENESAS-PD46185084B Datasheet
598Kb / 39P
18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
PD44164182B RENESAS-PD44164182B_15 Datasheet
528Kb / 35P
18M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD44164184B RENESAS-PD44164184B_15 Datasheet
511Kb / 33P
18M-BIT DDR II SRAM 4-WORD BURST OPERATION
PD46184182B RENESAS-PD46184182B_15 Datasheet
611Kb / 34P
18M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46184184B RENESAS-PD46184184B_15 Datasheet
569Kb / 32P
18M-BIT DDR II SRAM 4-WORD BURST OPERATION
UPD44164182B RENESAS-UPD44164182B Datasheet
517Kb / 35P
18M-BIT DDR II SRAM 2-WORD BURST OPERATION
October 6, 2011
UPD46184182B RENESAS-UPD46184182B Datasheet
611Kb / 34P
18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD46184184B RENESAS-UPD46184184B Datasheet
569Kb / 32P
18M-BIT DDR II SRAM 4-WORD BURST OPERATION
Nov 09, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com