Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD44324092-A Datasheet (PDF) - Renesas Technology Corp

UPD44324092-A Datasheet PDF - Renesas Technology Corp
Part # UPD44324092-A
Download  UPD44324092-A Download
File Size   587.37 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD44324092-A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD44324092-A Datasheet PDF - Renesas Technology Corp

Part # UPD44324092-A
Download  UPD44324092-A Click to download

File Size   587.37 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD44324092-A Datasheet (HTML) - Renesas Technology Corp


UPD44324092-A Product details

Features
• 1.8 ± 0.1 V power supply
• 165-pin PLASTIC BGA package (13 x 15)
• HSTL interface
• PLL circuitry for wide output data valid window and future frequency scaling
• Pipelined double data rate operation
• Common data input/output bus
• Two-tick burst for low DDR transaction size
• Two input clocks (K and K#) for precise DDR timing at clock rising edges only
• Two output clocks (C and C#) for precise flight time
and clock skew matching-clock and data delivered together to receiving device
• Internally self-timed write control
• Clock-stop capability. Normal operation is restored in 1,024 cycles after clock is resumed.
• User programmable impedance output
• Fast clock cycle time : 3.7 ns (270 MHz), 4.0 ns (250 MHz), 5.0 ns (200 MHz)
• Simple control logic for easy depth expansion
• JTAG boundary scan
• Operating ambient temperature: Commercial TA = 0 to +70°C (-E37, -E40, -E50)
Industrial TA = –40 to +85°C (-E40Y, -E50Y)




Similar Part No. - UPD44324092-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44324092B RENESAS-UPD44324092B Datasheet
488Kb / 37P
36M-BIT DDR II SRAM 2-WORD BURST OPERATION
August 2, 2011
UPD44324092BF5-E33-FQ1 RENESAS-UPD44324092BF5-E33-FQ1 Datasheet
488Kb / 37P
36M-BIT DDR II SRAM 2-WORD BURST OPERATION
August 2, 2011
UPD44324092BF5-E33-FQ1-A RENESAS-UPD44324092BF5-E33-FQ1-A Datasheet
488Kb / 37P
36M-BIT DDR II SRAM 2-WORD BURST OPERATION
August 2, 2011
UPD44324092BF5-E35-FQ1 RENESAS-UPD44324092BF5-E35-FQ1 Datasheet
488Kb / 37P
36M-BIT DDR II SRAM 2-WORD BURST OPERATION
August 2, 2011
UPD44324092BF5-E35-FQ1-A RENESAS-UPD44324092BF5-E35-FQ1-A Datasheet
488Kb / 37P
36M-BIT DDR II SRAM 2-WORD BURST OPERATION
August 2, 2011
More results


Similar Description - UPD44324092-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com