Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN4R0-25YLC Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN4R0-25YLC Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN4R0-25YLC
Download  PSMN4R0-25YLC Download
File Size   1007.45 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 25 V 4.5 mΩ logic level MOSFET in LFPAK

PSMN4R0-25YLC Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN4R0-25YLC Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN4R0-25YLC
Download  PSMN4R0-25YLC Click to download

File Size   1007.45 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 25 V 4.5 mΩ logic level MOSFET in LFPAK

PSMN4R0-25YLC Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN4R0-25YLC Product details

1.1 General description
Logic level enhancement mode N-channel MOSFET in LFPAK package. This product is
designed and qualified for use in a wide range of industrial, communications and domestic
equipment.
1.2 Features and benefits
 High reliability Power SO8 package,
qualified to 175°C
 Low parasitic inductance and
resistance
 Optimised for 4.5V Gate drive utilising
Superjunction technology
 Ultra low QG, QGD & QOSS for high
system efficiencies at low and high
loads
1.3 Applications
 DC-to-DC converters
 Load switching
 Power OR-ing
 Server power supplies
 Sync rectifier




Similar Part No. - PSMN4R0-25YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R0-25YLC PHILIPS-PSMN4R0-25YLC Datasheet
425Kb / 15P
N-channel 25 V 4.5 m廓 logic level MOSFET in LFPAK
Rev. 01-2 December 2010
PSMN4R0-25YLC PHILIPS-PSMN4R0-25YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN4R0-25YLC PHILIPS-PSMN4R0-25YLC Datasheet
1Mb / 8P
NextPower MOSFETs
May 2011
PSMN4R0-25YLC NXP-PSMN4R0-25YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN4R0-25YLC PHILIPS-PSMN4R0-25YLC_15 Datasheet
425Kb / 15P
N-channel 25 V 4.5 m logic level MOSFET in LFPAK
Rev. 01-2 December 2010
More results


Similar Description - PSMN4R0-25YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R0-25YLC PHILIPS-PSMN4R0-25YLC Datasheet
425Kb / 15P
N-channel 25 V 4.5 m廓 logic level MOSFET in LFPAK
Rev. 01-2 December 2010
PSMN4R0-25YLC PHILIPS-PSMN4R0-25YLC_15 Datasheet
425Kb / 15P
N-channel 25 V 4.5 m logic level MOSFET in LFPAK
Rev. 01-2 December 2010
logo
Nexperia B.V. All right...
PH2625L NEXPERIA-PH2625L Datasheet
576Kb / 16P
N-channel 25 V 2.8 mΩ logic level MOSFET in LFPAK
Rev. 3 - 21 December 2011
PH6325L NEXPERIA-PH6325L Datasheet
433Kb / 15P
N-channel 25 V 6.3 mΩ logic level MOSFET in LFPAK
Rev. 2 - 22 December 2011
PSMN1R2-25YL NEXPERIA-PSMN1R2-25YL Datasheet
724Kb / 13P
N-channel 25 V 1.2 mΩ logic level MOSFET in LFPAK
Rev. 01 - 25 June 2009
PSMN1R7-30YL NEXPERIA-PSMN1R7-30YL Datasheet
913Kb / 15P
N-channel 30 V 1.7 mΩ logic level MOSFET in LFPAK
Rev. 1 - 30 May 2011
PSMN2R0-30YL NEXPERIA-PSMN2R0-30YL Datasheet
828Kb / 14P
N-channel 30 V 2 mΩ logic level MOSFET in LFPAK
Rev. 4 - 10 March 2011
PSMN2R5-30YL NEXPERIA-PSMN2R5-30YL Datasheet
985Kb / 14P
N-channel 30 V 2.4 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011
PSMN4R0-30YL NEXPERIA-PSMN4R0-30YL Datasheet
824Kb / 14P
N-channel 30 V 4 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011
PSMN5R0-30YL NEXPERIA-PSMN5R0-30YL Datasheet
822Kb / 14P
N-channel 30 V 5 mΩ logic level MOSFET in LFPAK
Rev. 4 - 9 March 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com