| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN4R0-40YS
|
229Kb / 13P |
N-channel LFPAK 40 V 4.2 m廓 standard level MOSFET
Rev. 01-25 June 2009 |
 Nexperia B.V. All right... |
PSMN2R6-40YS
|
733Kb / 13P |
N-channel LFPAK 40 V 2.8 mΩ standard level MOSFET
Rev. 01 - 23 June 2009 |
|
PSMN3R3-40YS
|
829Kb / 15P |
N-channel LFPAK 40 V 3.3 mΩ standard level MOSFET
Rev. 04 - 25 October 2010 |
|
PSMN011-80YS
|
824Kb / 15P |
N-channel LFPAK 80 V 11 mΩ standard level MOSFET
Rev. 02 - 28 October 2010 |
|
PSMN012-60YS
|
857Kb / 15P |
N-channel LFPAK 60 V, 11.1 mΩ standard level MOSFET
Rev. 01 - 5 January 2010 |
|
PSMN5R8-40YS
|
828Kb / 15P |
N-channel LFPAK 40 V 5.7 mΩ standard level MOSFET
Rev. 03 - 25 October 2010 |
|
PSMN7R0-60YS
|
808Kb / 15P |
N-channel LFPAK 60 V 6.4 mΩ standard level MOSFET
Rev. 02 - 30 March 2010 |
|
PSMN8R3-40YS
|
724Kb / 13P |
N-channel LFPAK 40 V 8.6 mΩ standard level MOSFET
Rev. 01 - 25 June 2009 |
|
PSMN014-40YS
|
824Kb / 15P |
N-channel LFPAK 40 V, 14 mΩ standard level MOSFET
Rev. 03 - 25 October 2010 |
|
PSMN069-100YS
|
828Kb / 15P |
N-channel LFPAK 100 V 72.4 mΩ standard level MOSFET
Rev. 02 - 25 October 2010 |