Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55500805 Datasheet (PDF) - Lapp.

55500805 Datasheet PDF - Lapp.
Part # 55500805
Download  55500805 Download
File Size   133.35 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® KLICK GPZ-M

55500805 Datasheet (PDF)

Go To PDF Page Download Datasheet
55500805 Datasheet PDF - Lapp.

Part # 55500805
Download  55500805 Click to download

File Size   133.35 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® KLICK GPZ-M

55500805 Datasheet (HTML) - Lapp.


55500805 Product details

Technical Features:
Connecting thread M12x1,5 up to M63x1,5 acc. to EN 60423
Nominal wide NW 10 up to NW 54,5
Protection class IP68 acc. to EN 60529
IP69K acc. to DIN 40050 T9
Depending on the used conduit
Temperature range -40°C up to +120°C




Similar Part No. - 55500805

ManufacturerPart #DatasheetDescription
logo
Lapp.
55500990 LAPP-55500990 Datasheet
123Kb / 2P
SILVYN® KLICK-M
24.04.2018
55500995 LAPP-55500995 Datasheet
123Kb / 2P
SILVYN® KLICK-M
24.04.2018
More results


Similar Description - 55500805

ManufacturerPart #DatasheetDescription
logo
Lapp.
55501000 LAPP-55501000 Datasheet
123Kb / 2P
SILVYN® KLICK-M
24.04.2018
55501110 LAPP-55501110 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
55501850 LAPP-55501850 Datasheet
205Kb / 2P
SILVYN® SSVZ-M
06.06.2023
55506135 LAPP-55506135 Datasheet
141Kb / 2P
SILVYN® FPAX-M
20.05.2019
56000120 LAPP-56000120 Datasheet
87Kb / 1P
SILVYN® KLICK-Y (TPE)
03.07.2018
61801020 LAPP-61801020 Datasheet
132Kb / 2P
SILVYN® KLICK 90° PG
14.05.2018
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61811110 LAPP-61811110 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
61811200 LAPP-61811200 Datasheet
85Kb / 1P
SILVYN® KLICK-D
30.08.2019
65500630 LAPP-65500630 Datasheet
149Kb / 1P
SILVYN® KLICK-RH
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com