Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55502614 Datasheet (PDF) - Lapp.

55502614 Datasheet PDF - Lapp.
Part # 55502614
Download  55502614 Download
File Size   108.95 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® US-M AS / SILVYN® US AS

55502614 Datasheet (PDF)

Go To PDF Page Download Datasheet
55502614 Datasheet PDF - Lapp.

Part # 55502614
Download  55502614 Click to download

File Size   108.95 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® US-M AS / SILVYN® US AS

55502614 Datasheet (HTML) - Lapp.


55502614 Product details

Technical features:
Connecting thread M10x1,5 up to M63x1,5 acc. to DIN EN 60423
PG 7 up to PG 48 acc. to DIN 40430
Nominal width NW 10 up to NW 56
Protection class IP 40
Depending on the used conduit
Temperature range -40°C up to +125°C




Similar Part No. - 55502614

ManufacturerPart #DatasheetDescription
logo
Lapp.
55502601 LAPP-55502601 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502602 LAPP-55502602 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502603 LAPP-55502603 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502604 LAPP-55502604 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502605 LAPP-55502605 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
More results


Similar Description - 55502614

ManufacturerPart #DatasheetDescription
logo
Lapp.
55501850 LAPP-55501850 Datasheet
205Kb / 2P
SILVYN® SSVZ-M
06.06.2023
55502601 LAPP-55502601 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502621 LAPP-55502621 Datasheet
109Kb / 2P
SILVYN® US-M AS-P / SILVYN® US AS-P
07.03.2019
55502631 LAPP-55502631 Datasheet
109Kb / 2P
SILVYN® US-M EDU-AS / EMC AS-CU SILVYN® US EDU-AS / EMC AS-CU
07.03.2019
55506080 LAPP-55506080 Datasheet
160Kb / 3P
SILVYN® MSK-M US
28.05.2020
55506135 LAPP-55506135 Datasheet
141Kb / 2P
SILVYN® FPAX-M
20.05.2019
61802180 LAPP-61802180 Datasheet
76Kb / 1P
SILVYN® US-AS
03.07.2018
61802480 LAPP-61802480 Datasheet
83Kb / 1P
SILVYN® US-EDU-AS
03.07.2018
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61808168 LAPP-61808168 Datasheet
102Kb / 1P
SILVYN® US-MS-DR
11.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com