Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM3906SC Datasheet (PDF) - List of Unclassifed Manufacturers

OM3906SC Datasheet PDF - List of Unclassifed Manufacturers
Part # OM3906SC
Download  OM3906SC Download
File Size   33.59 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING

OM3906SC Datasheet (PDF)

Go To PDF Page Download Datasheet
OM3906SC Datasheet PDF - List of Unclassifed Manufacturers

Part # OM3906SC
Download  OM3906SC Click to download

File Size   33.59 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING

OM3906SC Datasheet (HTML) - List of Unclassifed Manufacturers


OM3906SC Product details

[Omnirel]

DESCRIPTION
This series of products offers a positive and a negative fixed voltage regulator in one hermetically sealed, 5 pin package whose outline is similar to the industry standard TO-247 package. With heat sinking, they can regulate over 1.5 Amp of output current per device. Standard voltages are + or - 5V, 12V and 15V. Output voltages are internally trimmed to ±1.0% of nominal voltage. These devices are ideally suited for Military applications where small size and high reliability are required.
To order, use the following Omnirel part numbers to determine the required output voltage of each regulator within one package.

FEATURES
• Positive And Negative Regulators In One Package
• Isolated Hermetic Package, JEDEC MO-078AA
• Output Voltages 5V, 12V and 15V
• Output Voltages Set Internally To ±1.0%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Similar to Industry Standards 7800 & 7900 Series




Similar Part No. - OM3906SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM3906SC ETC2-OM3906SC Datasheet
36Kb / 4P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
More results


Similar Description - OM3906SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1905NMM ETC-OM1905NMM Datasheet
26Kb / 4P
HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
OM2940STM ETC-OM2940STM Datasheet
38Kb / 4P
0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING
OM1805N2M ETC1-OM1805N2M Datasheet
26Kb / 4P
HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
OM7500SC ETC-OM7500SC Datasheet
52Kb / 5P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
logo
International Rectifier
OM1905N2M IRF-OM1905N2M Datasheet
29Kb / 4P
HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1805NMM ETC2-OM1805NMM Datasheet
30Kb / 4P
HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
OM1905NKM ETC2-OM1905NKM Datasheet
36Kb / 4P
HERMETIC TO-3 FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
OM3901SC ETC2-OM3901SC Datasheet
36Kb / 4P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
OM1905STM ETC2-OM1905STM Datasheet
35Kb / 4P
ISOLATED HERMETIC FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
International Rectifier
5962-87782012A IRF-5962-87782012A Datasheet
30Kb / 4P
HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com