Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST89E52RC Datasheet (PDF) - Silicon Storage Technology, Inc

SST89E52RC Datasheet PDF - Silicon Storage Technology, Inc
Part # SST89E52RC
Download  SST89E52RC Download
File Size   653.96 Kbytes
Page   57 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description FlashFlex MCU

SST89E52RC Datasheet (PDF)

Go To PDF Page Download Datasheet
SST89E52RC Datasheet PDF - Silicon Storage Technology, Inc

Part # SST89E52RC
Download  SST89E52RC Click to download

File Size   653.96 Kbytes
Page   57 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description FlashFlex MCU

SST89E52RC Datasheet (HTML) - Silicon Storage Technology, Inc


SST89E52RC Product details

PRODUCT DESCRIPTION
The SST89E52RC / SST89E54RC are members of the FlashFlex family of 8-bit microcontroller products designed and manufactured with SST’s patented and proprietary SuperFlash CMOS semiconductor process technology. The split-gate cell design and thick-oxide tunneling injector offer significant cost and reliability benefits for our customers.The devices use the 8051 instruction set and are pinfor-pin compatible with standard 8051 microcontroller devices.

FEATURES:
• 8-bit 8051-Compatible Microcontroller (MCU) with Embedded SuperFlash Memory
    – Fully Software Compatible
    – Development Toolset Compatible
    – Pin-for-Pin Package Compatible
• SST89E5xRC Operation
    – 0 to 33MHz at 5V
• Total 512 Byte Internal RAM (256 Byte by default + 256 Byte enabled by software)
• Single Block SuperFlash EEPROM
    – SST89E54RC: 16 KByte primary partition + 1 KByte secondary partition
    – SST89E52RC: 8 KByte primary partition + 1 KByte secondary partition
    – Primary Partition is divided into Four Pages
    – Secondary Partition has One Page
    – Individual Page Security Lock
    – In-System Programming (ISP)
    – In-Application Programming (IAP)
    – Small-Sector Architecture: 128-Byte Sector Size
• Support External Address Range up to 64 KByte of Program and Data Memory
• Three High-Current Port 1 pins (16 mA each)
• Three 16-bit Timers/Counters
• Full-Duplex, Enhanced UART
    – Framing error detection
    – Automatic address recognition
• Eight Interrupt Sources at 4 Priority Levels
• Programmable Watchdog Timer (WDT)
• Four 8-bit I/O Ports (32 I/O Pins)
• Second DPTR register
• Low EMI Mode (Inhibit ALE)
• Standard 12 Clocks per cycle, the device has an option to double the speed to 6 clocks per cycle.
• TTL- and CMOS-Compatible Logic Levels
• Low Power Modes
    – Power-down Mode with External Interrupt Wake-up
    – Idle Mode
• Selectable Operation Clock
    – Divide down to 1/4, 1/16, 1/256, or 1/1024th
• Temperature Ranges:
    – Commercial (0°C to +70°C)
• Packages Available
    – 40-pin PDIP
    – 44-lead PLCC
• All non-Pb (lead-free) devices are RoHS compliant




Similar Part No. - SST89E52RC

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E52RD-40-C-PI SST-SST89E52RD-40-C-PI Datasheet
937Kb / 81P
FlashFlex51 MCU
SST89E52RD-40-C-PIE SST-SST89E52RD-40-C-PIE Datasheet
937Kb / 81P
FlashFlex51 MCU
SST89E52RD-40-I-PI SST-SST89E52RD-40-I-PI Datasheet
937Kb / 81P
FlashFlex51 MCU
SST89E52RD-40-I-PIE SST-SST89E52RD-40-I-PIE Datasheet
937Kb / 81P
FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2 Datasheet
984Kb / 91P
FlashFlex51 MCU
More results


Similar Description - SST89E52RC

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD_07 Datasheet
962Kb / 90P
FlashFlex MCU
SST89E54RD SST-SST89E54RD Datasheet
934Kb / 81P
FlashFlex MCU
SST89E516RD2 SST-SST89E516RD2_07 Datasheet
831Kb / 81P
FlashFlex MCU
SST89E54RD2A SST-SST89E54RD2A Datasheet
1Mb / 84P
FlashFlex MCU
logo
Renesas Technology Corp
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
MCU
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
MCU
logo
Microchip Technology
SST89E516RD2 MICROCHIP-SST89E516RD2_13 Datasheet
762Kb / 94P
FlashFlex MCU
02/13
logo
Silicon Storage Technol...
SST89E54RD2A SST-SST89E54RD2A_13 Datasheet
756Kb / 91P
FlashFlex MCU
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com